전자부품 데이터시트 검색엔진 |
|
SM5262B 데이터시트(PDF) 5 Page - SamHop Microelectronics Corp. |
|
SM5262B 데이터시트(HTML) 5 Page - SamHop Microelectronics Corp. |
5 / 12 page Page 5 2. Frame Format OCT. 2001 When SM5262B is used for no data, transmitting format is : Synchronisation Bit waveform is : When data type of SM5262B is used, address bits will decrease accordingly. For example, in 3 data type where address is 9 bits, transmitting format is : SM5262B/ SM5272B has 12 bits including a maximum of 6 data bits. A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 Sync. According to first transmission bit in real signal A0 will be receive first. A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 Sync. A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 D1 D0 Sync. A0 A1 A2 A3 A4 A5 A6 A7 A8 D2 D1 D0 Sync. A0 A1 A2 A3 A4 A5 A6 A7 D3 D2 D1 D0 Sync. A0 A1 A2 A3 A4 A5 D5 D4 D3 D2 D1 D0 Sync. A0 A1 A2 A3 A4 A5 A6 D4 D3 D2 D1 D0 Sync. SM5272B SM5272B-M2/L2 SM5272B-M4/L4 SM5272B-M5/L5 SM5272B-M6/L6 SM5272B-M3/L3 a 32a 12 bits address Sync. 9 address bits Sync. 3 data bits SM5262B 312 RF ENCODER SAMHOP Microelectronics Corp. 三合微科股份有限公司 |
유사한 부품 번호 - SM5262B |
|
유사한 설명 - SM5262B |