전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW19NC60W 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STGW19NC60W
상세설명  19 A, 600 V - ultrafast IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW19NC60W 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STGW19NC60W Datasheet HTML 5Page - STMicroelectronics STGW19NC60W Datasheet HTML 6Page - STMicroelectronics STGW19NC60W Datasheet HTML 7Page - STMicroelectronics STGW19NC60W Datasheet HTML 8Page - STMicroelectronics STGW19NC60W Datasheet HTML 9Page - STMicroelectronics STGW19NC60W Datasheet HTML 10Page - STMicroelectronics STGW19NC60W Datasheet HTML 11Page - STMicroelectronics STGW19NC60W Datasheet HTML 12Page - STMicroelectronics STGW19NC60W Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STGW19NC60W
Test circuits
DocID12759 Rev 4
9/13
AM01506v1
90%
10%
90%
10%
VG
VCE
IC
Td(on)
Ton
Tr(Ion)
Td(of f)
Toff
Tf
Tr(Vof f)
Tcross
90%
10%
3
Test circuits
Figure 15: Test circuit for inductive load
switching
Figure 16: Gate charge test circuit
Figure 17: Switching waveform
AA
C
E
G
B
R
G
+
-
G
C
3.3
µF
1000
µF
L=100 µH
V
CC
E
D.U.T
B
AM01504v 1


유사한 부품 번호 - STGW19NC60W

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW19NC60WD STMICROELECTRONICS-STGW19NC60WD Datasheet
312Kb / 15P
   N-channel 600V - 19A - TO-220 - TO-247 Ultra fast PowerMESH??IGBT
More results

유사한 설명 - STGW19NC60W

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
   35 A, 600 V Ultrafast IGBT
STGF35HF60W STMICROELECTRONICS-STGF35HF60W Datasheet
639Kb / 17P
   35 A, 600 V Ultrafast IGBT
July 2012 Rev 3
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
   20 A, 600 V fast IGBT with Ultrafast diode
November 2010 Rev 4
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
   17 A, 600 V fast IGBT with Ultrafast diode
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
   35 A, 600 V ultrafast IGBT with low drop diode
August 2011 Rev 3
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
September 2016 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com