전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW25H120F2 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STGW25H120F2
상세설명  Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW25H120F2 데이터시트(HTML) 1 Page - STMicroelectronics

  STGW25H120F2 Datasheet HTML 1Page - STMicroelectronics STGW25H120F2 Datasheet HTML 2Page - STMicroelectronics STGW25H120F2 Datasheet HTML 3Page - STMicroelectronics STGW25H120F2 Datasheet HTML 4Page - STMicroelectronics STGW25H120F2 Datasheet HTML 5Page - STMicroelectronics STGW25H120F2 Datasheet HTML 6Page - STMicroelectronics STGW25H120F2 Datasheet HTML 7Page - STMicroelectronics STGW25H120F2 Datasheet HTML 8Page - STMicroelectronics STGW25H120F2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
March 2015
DocID026003 Rev 4
1/17
17
STGW25H120F2,
STGWA25H120F2
Trench gate field-stop IGBT, H series
1200 V, 25 A high speed
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Maximum junction temperature: TJ = 175 °C
• High speed switching series
• Minimized tail current
• VCE(sat) = 2.1 V (typ.) @ IC = 25 A
• 5 µs minimum short circuit withstand time at
TJ=150 °C
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
Applications
• Uninterruptible power supply
• Welding machines
• Photovoltaic inverters
• Power factor correction
• High frequency converters
Description
These devices are IGBTs developed using an
advanced proprietary trench gate field-stop
structure. These devices are part of the H series
of IGBTs, which represent an optimum
compromise between conduction and switching
losses to maximize the efficiency of high
switching frequency converters. Moreover, a
slightly positive VCE(sat) temperature coefficient
and very tight parameter distribution result in
safer paralleling operation.
C (2)
E (3)
G (1)
SC12850
Table 1. Device summary
Order code
Marking
Package
Packaging
STGW25H120F2
G25H120F2
TO-247
Tube
STGWA25H120F2
G25H120F2
TO-247 long leads
Tube
www.st.com


유사한 부품 번호 - STGW25H120F2

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW25H120DF2 STMICROELECTRONICS-STGW25H120DF2 Datasheet
737Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
March 2015 Rev 4
More results

유사한 설명 - STGW25H120F2

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW25H120DF2 STMICROELECTRONICS-STGW25H120DF2 Datasheet
737Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 25 A high speed
March 2015 Rev 4
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
April 2015 Rev 5
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
March 2015 Rev 3
STGW40H120DF2 STMICROELECTRONICS-STGW40H120DF2 Datasheet
821Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
June 2016 Rev 5
logo
Fairchild Semiconductor
FGH25T120SMD FAIRCHILD-FGH25T120SMD Datasheet
308Kb / 9P
   1200 V, 25 A Field Stop Trench IGBT
logo
STMicroelectronics
STG25H120F2D7 STMICROELECTRONICS-STG25H120F2D7 Datasheet
252Kb / 10P
   1200 V, 25 A trench gate field-stop H series IGBT die in D7 packing
May 2015 Rev 1
STGW25S120DF3 STMICROELECTRONICS-STGW25S120DF3 Datasheet
703Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 25 A low drop
December 2014 Rev 2
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
October 2014 Rev 2
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
   Trench gate field-stop IGBT, H series 600 V, 7 A high speed
June 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com