전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW35NC60WD 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STGW35NC60WD
상세설명  40 A, 600 V ultra fast IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NC60WD 데이터시트(HTML) 1 Page - STMicroelectronics

  STGW35NC60WD Datasheet HTML 1Page - STMicroelectronics STGW35NC60WD Datasheet HTML 2Page - STMicroelectronics STGW35NC60WD Datasheet HTML 3Page - STMicroelectronics STGW35NC60WD Datasheet HTML 4Page - STMicroelectronics STGW35NC60WD Datasheet HTML 5Page - STMicroelectronics STGW35NC60WD Datasheet HTML 6Page - STMicroelectronics STGW35NC60WD Datasheet HTML 7Page - STMicroelectronics STGW35NC60WD Datasheet HTML 8Page - STMicroelectronics STGW35NC60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2008
Rev 2
1/14
14
STGW35NC60WD
40 A, 600 V ultra fast IGBT
Features
High frequency operation
Lower CRES / CIES ratio (no cross-conduction
susceptibility)
Very soft ultra fast recovery antiparallel diode
Applications
High frequency motor controls, inverters, UPS
HF, SMPS and PFC in both hard switch and
resonant topologies
Description
This IGBT utilizes the advanced Power MESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behavior.
Figure 1.
Internal schematic diagram
TO-247 long leads
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STGW35NC60WD
GW35NC60WD
TO-247 long leads
Tube
www.st.com


유사한 부품 번호 - STGW35NC60WD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW35NC120HD STMICROELECTRONICS-STGW35NC120HD Datasheet
355Kb / 13P
   35 A - 1200 V - very fast IGBT
More results

유사한 설명 - STGW35NC60WD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGW40NC60W STMICROELECTRONICS-STGW40NC60W Datasheet
338Kb / 13P
   40 A - 600 V - ultra fast IGBT
July 2008 Rev 1
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
   35 A, 600 V ultra fast IGBT
STGB30NC60W STMICROELECTRONICS-STGB30NC60W Datasheet
461Kb / 16P
   30 A - 600 V - ultra fast IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_V01 Datasheet
545Kb / 14P
   30 A, 600 V ultra fast IGBT
Rev 5 November 2008
STGW45HF60WD STMICROELECTRONICS-STGW45HF60WD Datasheet
468Kb / 12P
   45 A, 600 V ultra fast IGBT
April 2010 Rev 3
STGW45NC60WD STMICROELECTRONICS-STGW45NC60WD Datasheet
336Kb / 14P
   45 A - 600 V ultra fast IGBT
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com