전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW40S120DF3 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STGW40S120DF3
상세설명  Trench gate field-stop IGBT, S series 1200 V, 40 A low drop
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40S120DF3 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STGW40S120DF3 Datasheet HTML 3Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 4Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 5Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 6Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 7Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 8Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 9Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 10Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID026373 Rev 2
7/18
STGW40S120DF3, STGWA40S120DF3
Electrical characteristics
18
Figure 8. Collector current vs. switching
frequency
Figure 9. Forward bias safe operating area
Figure 10. Transfer characteristics
Figure 11. Diode VF vs. forward current
Figure 12. Normalized VGE(th) vs. junction
temperature
Figure 13. Normalized VBR(CES) vs. junction
temperature


유사한 부품 번호 - STGW40S120DF3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW40H120DF2 STMICROELECTRONICS-STGW40H120DF2 Datasheet
821Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
June 2016 Rev 5
logo
Inchange Semiconductor ...
STGW40H120DF2 ISC-STGW40H120DF2 Datasheet
358Kb / 3P
   Trench gate Field-Stop IGBT
2023-10-16
logo
STMicroelectronics
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
March 2015 Rev 3
STGW40H60DLFB STMICROELECTRONICS-STGW40H60DLFB Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, HB series 600 V, 40 A high speed
March 2014 Rev 4
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
DS9533 - Rev 9 - June 2019
More results

유사한 설명 - STGW40S120DF3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW15S120DF3 STMICROELECTRONICS-STGW15S120DF3 Datasheet
741Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 15 A low drop
December 2014 Rev 2
STGW25S120DF3 STMICROELECTRONICS-STGW25S120DF3 Datasheet
703Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 25 A low drop
December 2014 Rev 2
logo
ON Semiconductor
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
   1200 V, 40 A Field Stop Trench IGBT
logo
ON Semiconductor
FGH40T120SMD ONSEMI-FGH40T120SMD Datasheet
524Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
July, 2021 ??Rev. 5
logo
STMicroelectronics
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
November 2014 Rev 3
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
March 2015 Rev 3
STGW40H120DF2 STMICROELECTRONICS-STGW40H120DF2 Datasheet
821Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
June 2016 Rev 5
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
October 2014 Rev 2
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
October 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com