전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1036 데이터시트(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

부품명 2SA1036
상세설명  Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SA1036 데이터시트(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2SA1036_12 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SA1036_12 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SA1036_12 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SA1036_12 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
Silicon Epitaxial Planar Transistor
2SA1036
C012
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA,IE=0
-40
V
Collector-emitter breakdown voltage V(BR)CEO
IC=-1mA,IB=0
-32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-20V,IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-4V,IC=0
-1
μA
DC current gain
hFE
VCE=-3V,IC=-10mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-10mA
-0.4
V
Transition frequency
fT
VCE=-5V, IC=-20mA
f=100MHz
200
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
7
pF
CLASSIFICATION OF hFE(1)
Rank
P
Q
R
Range
82-180
120-270
180-390
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


유사한 부품 번호 - 2SA1036_12

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
2SA1036 SECOS-2SA1036_10 Datasheet
700Kb / 2P
   PNP Silicon General Purpose Transistor
logo
Guangdong Kexin Industr...
2SA1036 KEXIN-2SA1036_15 Datasheet
1Mb / 2P
   PNP Transistors
logo
Galaxy Semi-Conductor H...
2SA1036 BILIN-2SA1036_17 Datasheet
167Kb / 4P
   Silicon Epitaxial Planar Transistor
More results

유사한 설명 - 2SA1036_12

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com