전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB028B0823 데이터시트(PDF) 6 Page - AVX Corporation

부품명 CB028B0823
상세설명  Film Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

CB028B0823 데이터시트(HTML) 6 Page - AVX Corporation

  CB028B0823 Datasheet HTML 1Page - AVX Corporation CB028B0823 Datasheet HTML 2Page - AVX Corporation CB028B0823 Datasheet HTML 3Page - AVX Corporation CB028B0823 Datasheet HTML 4Page - AVX Corporation CB028B0823 Datasheet HTML 5Page - AVX Corporation CB028B0823 Datasheet HTML 6Page - AVX Corporation CB028B0823 Datasheet HTML 7Page - AVX Corporation CB028B0823 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
44
Film Chip Capacitors
PPS DIELECTRIC – CB Series
ELECTRICAL CHARACTERISTICS VERSUS TEMPERATURE AND FREQUENCY
ELECTRICAL CHARACTERISTICS
3
2
1
0
-1
-2
-3
DC/C (%)
Temp. (°C)
-75
-50
-25
0
25
50
75
100
125
150
-75
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
RIS = f(F)
RIS (G.ohm)
CB01 / 10NF
CB01 / 39NF
CB02 / 100NF
10000
1000
100
10
1
50
45
40
30
25
20
15
10
5
0
TGTE=f(T)
-75
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
TGTE=(10-4)
Capacitance
Dissipation Factor
Insulation Resistance
FREQUENCY CHARACTERISTICS
1
10
100
1000
10000
Frequency (kHz)
DC/C = f(F)
25
20
15
10
5
0
-5
DC/C (%)
CB01 / 10NF
CB01 / 39NF
CB02 / 100NF
1000
10000
Frequency (kHz)
Z = f(F)
10,000
1,000
0.100
0.010
Z (Ohms)
CB02 8B 0104 J
1
10
100
1000
10000
Frequency (kHz)
TGTE = f(F)
10
9
8
7
6
5
4
3
2
1
0
TGTE (%)
CB01 / 10NF
CB01 / 39NF
CB02 / 100NF
Capacitance
Dissipation Factor
Impedance


유사한 부품 번호 - CB028B0823

제조업체부품명데이터시트상세설명
logo
AVX Corporation
CB027C0104 AVX-CB027C0104 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB027C0104 AVX-CB027C0104 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB027C0273 AVX-CB027C0273 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB027C0273 AVX-CB027C0273 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB027C0333 AVX-CB027C0333 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

유사한 설명 - CB028B0823

제조업체부품명데이터시트상세설명
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
   Thin-Film Chip Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
logo
EPCOS
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com