전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC55W1600FT-55 데이터시트(PDF) 11 Page - Toshiba Semiconductor

부품명 TC55W1600FT-55
상세설명  1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55W1600FT-55 데이터시트(HTML) 11 Page - Toshiba Semiconductor

Back Button TC55W1600FT-55 Datasheet HTML 5Page - Toshiba Semiconductor TC55W1600FT-55 Datasheet HTML 6Page - Toshiba Semiconductor TC55W1600FT-55 Datasheet HTML 7Page - Toshiba Semiconductor TC55W1600FT-55 Datasheet HTML 8Page - Toshiba Semiconductor TC55W1600FT-55 Datasheet HTML 9Page - Toshiba Semiconductor TC55W1600FT-55 Datasheet HTML 10Page - Toshiba Semiconductor TC55W1600FT-55 Datasheet HTML 11Page - Toshiba Semiconductor TC55W1600FT-55 Datasheet HTML 12Page - Toshiba Semiconductor TC55W1600FT-55 Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TC55W1600FT-55,-70
2002-02-12
11/13
DATA RETENTION CHARACTERISTICS (Ta
==== −−−−40° to 85°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VDH
Data Retention Supply Voltage
1.5
3.1
V
VDH = 3.1 V Ta = −40~85°C
10
Ta
= −40~40°C
1
IDDS2
Standby Current
VDH = 3.0 V
Ta
= −40~85°C
5
µA
tCDR
Chip Deselect to Data Retention Mode Time
0
ns
tR
Recovery Time
tRC
(See Note)
ns
Note:
Read cycle time
,
/
CONTROLLED DATA RETENTION MODE
(See Note 1,4)
CE2 CONTROLLED DATA RETENTION MODE
(See Note 3)
Note:
(1)
In CE1 or UB / LB controlled data retention mode, minimum standby current mode is entered when
CE2 ≤ 0.2 V or CE2 ≥ VDD − 0.2 V.
(2)
When CE1 or UB / LB is operating at the VIH minimum level, the operating current is given by IDDS1
during the transition of VDD from 3.1 V to 2.4 V.
(3)
In CE2 controlled data retention mode, minimum standby current mode is entered when CE2 ≤ 0.2 V.
(4)
In UB / LB controlled data retention mode, minimum standby current mode is entered when CE1 /CE2
≤ 0.2 V or CE1 /CE2 ≥ VDD − 0.2 V.
CE1
VDD
2.3 V
GND
VIL
DATA RETENTION MODE
tR
tCDR
0.2 V
VIH
CE2
VDD
UB
LB
VDD
2.3 V
GND
VIH
DATA RETENTION MODE
tR
(See Note 2)
(See Note 2)
tCDR
VDD − 0.2 V
1
CE
VDD
VDD
or UB / LB


유사한 부품 번호 - TC55W1600FT-55

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC55W800FT TOSHIBA-TC55W800FT Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-70 TOSHIBA-TC55W800FT-70 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W800XB8 TOSHIBA-TC55W800XB8 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
More results

유사한 설명 - TC55W1600FT-55

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM416BTGN55 TOSHIBA-TC55VCM416BTGN55 Datasheet
238Kb / 18P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC51WKM516AXBN75 TOSHIBA-TC51WKM516AXBN75 Datasheet
115Kb / 11P
   2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
logo
Renesas Technology Corp
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
logo
Toshiba Semiconductor
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
logo
Renesas Technology Corp
M6MGB331S8BKT RENESAS-M6MGB331S8BKT Datasheet
128Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
logo
Mitsubishi Electric Sem...
M6MGB160S2BVP MITSUBISHI-M6MGB160S2BVP Datasheet
269Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT / 2,097,152-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com