전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5682ZIRGC 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC5682ZIRGC
상세설명  16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5682ZIRGC 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DAC5682ZIRGC Datasheet HTML 4Page - Texas Instruments DAC5682ZIRGC Datasheet HTML 5Page - Texas Instruments DAC5682ZIRGC Datasheet HTML 6Page - Texas Instruments DAC5682ZIRGC Datasheet HTML 7Page - Texas Instruments DAC5682ZIRGC Datasheet HTML 8Page - Texas Instruments DAC5682ZIRGC Datasheet HTML 9Page - Texas Instruments DAC5682ZIRGC Datasheet HTML 10Page - Texas Instruments DAC5682ZIRGC Datasheet HTML 11Page - Texas Instruments DAC5682ZIRGC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
DAC5682Z
SLLS853F – AUGUST 2007 – REVISED JANUARY 2015
www.ti.com
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
CLOCK INPUT
CLKIN ECL/PECL Frequency
1000
MHz
CLKIN Amplitude Differential
0.4
1
CLKVDD
V
CLKIN Duty Cycle
50%
CLKIN common mode voltage
CLKDVDD
V
/2
DCLK LVDS Frequency
500
MHz
DIGITAL INPUTS
SYNC LVDS
1
1.2
1.4
V
D15..D0 LVDS
1
1.2
1.4
V
LVDS Common mode
1.2
V
LVDS Differential Swing
0.4
V
SCLK, SDIO, SDENB, SDO CMOS SPI
GND
IOVDD
V
7.4 Thermal Information
DAC5682Z
THERMAL METRIC(1)
QFN
UNIT
64 PINS
TJ
Maximum junction temperature (2)
125
°C
Theta junction-to-ambient (still air)
22
RθJA
°C/W
Theta junction-to-ambient (150 lfm)
16
RθJC
Theta junction-to-case
0.2
°C/W
RθJP
Theta junction-to-pad
3.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Air flow or heat sinking reduces
θJA and may be required for sustained operation at 85° under maximum operating conditions.
7.5
Electrical Characteristics — DC Specification
over operating free-air temperature range , AVDD = 3.3 V, CLKVDD = 1.8 V, IOVDD = 3.3 V, DVDD = 1.8 V, IoutFS = 20 mA
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
Bits
DC ACCURACY(1)
INL
Integral nonlinearity
1 LSB = IOUTFS/216
±4
LSB
DNL
Differential nonlinearity
±2
ANALOG OUTPUT
Course gain linearity
±0.04
LSB
Offset error
Mid code offset
0.01
%FSR
Gain error
With external reference
1
%FSR
Gain error
With internal reference
0.7
%FSR
Gain mismatch
With internal reference, dual DAC
–2
2
%FSR
Minimum full scale output current(2)
2
mA
Maximum full scale output current(2)
20
(1)
Measured differential across IOUTA1 and IOUTA2 or IOUTB1 and IOUTB2 with 25
Ω each to AVDD.
(2)
Nominal full-scale current, IoutFS, equals 16 × IBIAS current.
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: DAC5682Z


유사한 부품 번호 - DAC5682ZIRGC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5682ZIRGC25 TI-DAC5682ZIRGC25 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCR TI-DAC5682ZIRGCR Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCR TI-DAC5682ZIRGCR Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCRG4 TI-DAC5682ZIRGCRG4 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCT TI-DAC5682ZIRGCT Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

유사한 설명 - DAC5682ZIRGC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
[Old version datasheet]   DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com