전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5682ZIRGCT 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC5682ZIRGCT
상세설명  16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5682ZIRGCT 데이터시트(HTML) 10 Page - Texas Instruments

Back Button DAC5682ZIRGCT Datasheet HTML 6Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 7Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 8Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 9Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 10Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 11Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 12Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 13Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
DAC5682Z
SLLS853F – AUGUST 2007 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics — DC Specification (continued)
over operating free-air temperature range , AVDD = 3.3 V, CLKVDD = 1.8 V, IOVDD = 3.3 V, DVDD = 1.8 V, IoutFS = 20 mA
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD + IOVDD current, 3.3 V
Mode 1: 2X2, PLL = OFF, CLKIN = 983.04 MHz
135
mA
FDAC = 983.04 MHz, IF = 184.32 MHz
DVDD + CLKVDD current, 1.8 V
450
mA
DACA and DACB ON, 4 carrier WCDMA
Power Dissipation
1255
mW
AVDD + IOVDD current, 3.3 V
Mode 2: 2X2, PLL = ON (8X), CLKIN = 122.88
145
mA
MHz
DVDD + CLKVDD current, 1.8 V
485
mA
FDAC = 983.04 MHz, IF = 184.32 MHz
1350
Power Dissipation
mW
DACA and DACB ON, 4 carrier WCDMA
AVDD + IOVDD current, 3.3 V
Mode 3: 2X4, CMIX0 = Fs/4, PLL = OFF, CLKIN =
135
mA
983.04 MHz
DVDD + CLKVDD current, 1.8 V
480
mA
FDAC = 983.04 MHz, IF = 215.04 MHz
1310
Power Dissipation
mW
DACA and DACB ON, 4 carrier WCDMA
P
AVDD + IOVDD current, 3.3 V
Mode 4: 2X4, CMIX0 = Fs/4, PLL = ON (8X),
145
mA
CLKIN = 122.88 MHz
DVDD + CLKVDD current, 1.8 V
505
mA
FDAC = 983.04 MHz, IF = 215.04 MHz
1400
1600
Power Dissipation
mW
DACA and DACB ON, 4 carrier WCDMA
AVDD + IOVDD current, 3.3 V
Mode 5: 2X2, CMIX0 = Fs/4, PLL = OFF, CLKIN =
5
mA
983.04 MHz
DVDD + CLKVDD current, 1.8 V
185
mA
FDAC = 983.04 MHz, Digital Logic Disabled
350
Power Dissipation
mW
DACA and DACB SLEEP, Static Data Pattern
AVDD + IOVDD current, 3.3 V
Mode 6: 2X4, PLL = OFF, CLKIN = OFF
3.0
mA
FDAC = OFF, Digital Logic Disabled
DVDD + CLKVDD current, 1.8 V
4.0
mA
DACA and DACB = SLEEP, Static Data Pattern
Power Dissipation
17.0
30.0
mW
PSRR
Power supply rejection ratio
DC tested
–0.2
0.2
%FSR/V
T
Operating range
–40
85
°C
7.6
Electrical Characteristics — AC Specification
(1)
Over recommended operating free-air temperature range, AVDD, IOVDD = 3.3 V, CLKVDD, DVDD = 1.8 V, IOUTFS = 20 mA,
4:1 transformer output termination, 50
Ω doubly terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
Maximum output update
fCLK
1000
MSPS
rate
Output settling time to
Transition: Code 0x0000 to 0xFFFF
ts(DAC)
10.4
ns
0.1%
tpd
Output propagation delay
2.5
ns
Output rise time 10% to
tr(IOUT)
220
ps
90%
Output fall time 90% to
tf(IOUT)
220
ps
10%
No interpolation, PLL Off
78
DAC
Digital latency
x2 interpolation, PLL Off
163
clock
cycles
x4 interpolation, PLL Off
308
IOUT current settling to 1% of IOUTFS.
DAC wake-up time
80
Measured from SDENB; Register 0x06, toggle Bit 4 from 1 to 0.
Power-
μs
up time
IOUT current settling to 1% of IOUTFS.
DAC sleep time
80
Measured from SDENB; Register 0x06, toggle Bit 4 from 0 to 1.
(1)
Measured single-ended into 50
Ω load.
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: DAC5682Z


유사한 부품 번호 - DAC5682ZIRGCT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5682ZIRGCT TI-DAC5682ZIRGCT Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCT TI-DAC5682ZIRGCT Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCTG4 TI-DAC5682ZIRGCTG4 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

유사한 설명 - DAC5682ZIRGCT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
[Old version datasheet]   DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com