전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM8147BCIS0 데이터시트(PDF) 5 Page - Texas Instruments

부품명 DM8147BCIS0
상세설명  DaVinci Video Processors
Download  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DM8147BCIS0 데이터시트(HTML) 5 Page - Texas Instruments

  DM8147BCIS0 Datasheet HTML 1Page - Texas Instruments DM8147BCIS0 Datasheet HTML 2Page - Texas Instruments DM8147BCIS0 Datasheet HTML 3Page - Texas Instruments DM8147BCIS0 Datasheet HTML 4Page - Texas Instruments DM8147BCIS0 Datasheet HTML 5Page - Texas Instruments DM8147BCIS0 Datasheet HTML 6Page - Texas Instruments DM8147BCIS0 Datasheet HTML 7Page - Texas Instruments DM8147BCIS0 Datasheet HTML 8Page - Texas Instruments DM8147BCIS0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Eight 32-bit general-purpose timers
System watchdog timer
Dual DDR2, and DDR3 SDRAM interfaces
Flexible 8- or 16-bit asynchronous memory interface
Two Controller Area Network (DCAN) modules
Spin Lock
Mailbox
Serial Hard Disk Drive Interface (SATA 300)
The TMS320DM814x DaVinci video processors also include a high-definition video and imaging
coprocessor 2 (HDVICP2), and an SGX530 3D graphics engine to off-load many video and imaging
processing tasks from the DSP core, making more DSP MIPS available for common video and imaging
algorithms. Additionally, it has a complete set of development tools for both the ARM and DSP, which
include C compilers, a DSP assembly optimizer to simplify programming and scheduling, and a Microsoft®
Windows® debugger interface for visibility into source code execution.
The C674x DSP core is the high-performance floating-point DSP generation in the TMS320C6000 DSP
platform and is code-compatible with previous generation C64x Fixed-Point and C67x Floating-Point DSP
generation. The C674x Floating-Point DSP processor uses 32KB of L1 program memory with EDC and
32KB of L1 data memory. Up to 32KB of L1P can be configured as program cache. The remaining
memory is noncacheable no-wait-state program memory. Up to 32KB of L1D can be configured as data
cache. The remaining memory is noncacheable no-wait-state data memory. The DSP has 256KB of L2
RAM with ECC, which can be defined as SRAM, L2 cache, or a combination of both. All C674x L3 and off-
chip memory accesses are routed through an MMU.
Copyright © 2011–2013, Texas Instruments Incorporated
High-Performance System-on-Chip (SoC)
5
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147


유사한 부품 번호 - DM8147BCIS0

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
DM8108 ETC1-DM8108 Datasheet
371Kb / 35P
   8 port 10/100M Fast Ethernet Switching Controller
logo
National Semiconductor ...
DM8131 NSC-DM8131 Datasheet
152Kb / 3P
   6-Bit Unified Bus Comparator
logo
Fairchild Semiconductor
DM81LS95 FAIRCHILD-DM81LS95 Datasheet
71Kb / 7P
   3-STATE Octal Buffer
DM81LS95A FAIRCHILD-DM81LS95A Datasheet
71Kb / 7P
   3-STATE Octal Buffer
logo
National Semiconductor ...
DM81LS95A NSC-DM81LS95A Datasheet
118Kb / 6P
   TRI-STATE Octal Buffer
More results

유사한 설명 - DM8147BCIS0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8127 TI1-TMS320DM8127_14 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8168 TI1-TMS320DM8168_13 Datasheet
2Mb / 327P
[Old version datasheet]   TMS320DM816x DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
9900 TI-9900 Datasheet
5Mb / 104P
[Old version datasheet]   Video Display Processors
NOVEMBER 1982
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com