전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431BCPSRE4 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TL431BCPSRE4
상세설명  Precision Programmable Reference
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL431BCPSRE4 데이터시트(HTML) 3 Page - Texas Instruments

  TL431BCPSRE4 Datasheet HTML 1Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 2Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 3Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 4Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 5Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 6Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 7Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 8Page - Texas Instruments TL431BCPSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
1
2
3
4
8
7
6
5
CATHODE
ANODE
ANODE
NC
REF
ANODE
ANODE
NC
TL431, TL431A, TL431B . . . D (SOIC) PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
CATHODE
NC
NC
NC
REF
NC
ANODE
NC
TL431, TL431A, TL431B . . . P (PDIP), PS (SOP),
OR PW (TSSOP) PACKAGE
(TOP VIEW)
NC − No internal connection
TL431, TL431A, TL431B . . . DBV (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
CATHODE
ANODE
REF
TL431, TL431A, TL431B . . . PK (SOT-89) PACKAGE
(TOP VIEW)
REF
ANODE
CATHODE
Pin 2 is attached to Substrate and must be
connected to ANODE or left open.
NC − No internal connection
TL432, TL432A, TL432B . . . DBV (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
ANODE
NC
REF
CATHODE
NC − No internal connection
TL431, TL431A, TL431B . . . DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
TL432, TL432A, TL432B . . . DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
REF
CATHODE
ANODE
1
2
3
CATHODE
REF
ANODE
TL432, TL432A, TL432B . . . PK (SOT-89) PACKAGE
(TOP VIEW)
REF
ANODE
CATHODE
CATHODE
ANODE
REF
TL431 . . . KTP (PowerFLEX
/TO-252) PACKAGE
(TOP VIEW)
TL431A, TL431B . . . DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
CATHODE
NC
REF
ANODE
NC
NC
NC − No internal connection
TL431, TL431A, TL431B . . . LP (TO-92/TO-226) PACKAGE
(TOP VIEW)
CATHODE
ANODE
REF
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
6 Pin Configuration and Functions
Pin Functions
PIN
TLV431x
TLV432x
TYPE
DESCRIPTION
NAME
P, PS
DBZ
DBV
PK
D
LP
KTP
DCK
DBZ
DBV
PK
PW
CATHODE
1
3
3
1
1
1
1
1
2
4
1
I/O
Shunt Current/Voltage input
REF
2
4
1
8
8
3
3
3
1
5
3
I
Threshold relative to common anode
2, 3,
ANODE
3
5
2
6
2
2
6
3
2
2
O
Common pin, normally connected to ground
6, 7
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B


유사한 부품 번호 - TL431BCPSRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL431BCPSRE4 TI-TL431BCPSRE4 Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BCPSRE4 TI-TL431BCPSRE4 Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BCPSRE4 TI-TL431BCPSRE4 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431BCPSRE4 TI-TL431BCPSRE4 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431BCPSRE4 TI-TL431BCPSRE4 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

유사한 설명 - TL431BCPSRE4

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com