전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA1517 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA1517
상세설명  6-W STEREO AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA1517 데이터시트(HTML) 3 Page - Texas Instruments

  TPA1517 Datasheet HTML 1Page - Texas Instruments TPA1517 Datasheet HTML 2Page - Texas Instruments TPA1517 Datasheet HTML 3Page - Texas Instruments TPA1517 Datasheet HTML 4Page - Texas Instruments TPA1517 Datasheet HTML 5Page - Texas Instruments TPA1517 Datasheet HTML 6Page - Texas Instruments TPA1517 Datasheet HTML 7Page - Texas Instruments TPA1517 Datasheet HTML 8Page - Texas Instruments TPA1517 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTIC
ELECTRICAL CHARACTERISTICS
TPA1517
SLOS162D – MARCH 1997 – REVISED FEBRUARY 2007
V
CC = 12 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
45
80
mA
VO(DC)
DC output voltage
See Note (1)
6
V
V(M/SB)
Voltage on M/SB terminal for normal operation
9.6
V
VO(M)
Mute output voltage
VI = 1 V (max)
2
mV
ICC(SB)
Supply current in standby mode
7
100
µA
(1)
At 9.5 V < VCC < 18 V the DC output voltage is approximately VCC/2.
V
CC = 12 V, RL = 4Ω , f = 1 kHz, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 0.2%
3
PO
Output power(1)
W
THD = 10%
6
SNR
Signal-to-noise ratio
84
dB
THD
Total harmonic distortion
PO = 1 W, RL = 8Ω ,
f = 1 kHz
0.1%
IO(SM)
Non-repetitive peak output current
4
A
IO(RM)
Repetitive peak output current
2.5
A
Low-frequency roll-off
3 dB
45
Hz
High-frequency roll-off
1 dB
20
kHz
Supply ripple rejection ratio
M/SB = On, f = 1 kHz
-65
dB
ZI
Input impedance
60
k
Rs = 0,
M/SB = On
50
µV(rms)
Vn
Noise output voltage (2)
Rs= 10 kΩ,
M/SB = On
70
µV(rms)
M/SB = Mute
50
µV(rms)
Channel separation
Rs = 10 kΩ
-58
dB
Gain
18.5
20
21
Channel balance
0.1
1
dB
(1)
Output power is measured at the output terminals of the IC.
(2)
Noise voltage is measured in a bandwidth of 20 Hz to 20 kHz.
V
CC = 14.5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
50
90
mA
VO(DC)
DC output voltage
See Note (1)
7.25
V
V(M/SB)
Voltage on M/SB terminal for normal operation
9.6
V
VO(M)
Mute output voltage
VI = 1 V (max)
2
mV
ICC(SB)
Supply current in standby mode
7
100
µA
(1)
At 9.5 V < VCC < 18 V the DC output voltage is approximately VCC/2.
3
Submit Documentation Feedback


유사한 부품 번호 - TPA1517

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWP TI-TPA1517DWP Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWP TI-TPA1517DWP Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPG4 TI-TPA1517DWPG4 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA1517

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com