전자부품 데이터시트 검색엔진 |
|
TPA3007D1PWRG4 데이터시트(PDF) 2 Page - Texas Instruments |
|
TPA3007D1PWRG4 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 24 page www.ti.com 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 INN INP GAIN0 GAIN1 SHUTDOWN PGND VCLAMP BSN PVCC OUTN OUTN PGND VCC VREF BYPASS COSC ROSC AGND AGND BSP PVCC OUTP OUTP PGND TPA3007D1 SLOS418D – SEPTEMBER 2003 – REVISED MARCH 2008 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. AVAILABLE OPTIONS PACKAGED DEVICES TA TSSOP (PW)(1) -40 °C to 85°C TPA3007D1PW (1) The PW package is available taped and reeled. To order a taped and reeled part, add the suffix R to the part number (e.g., TPA3007D1PWR). LEAD (PB)-FREE AND GREEN ORDERING INFORMATION ORDERED DEVICE STATUS (1) ECO-STATUS(2) TPA3007D1PWRG4 ACTIVE Pb-Free and Green (1) The marketing status values are defined as follows: ACTIVE: This device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued production of the device. (2) Eco-Status information – Additional details including specific material content can be accessed at www.ti.com/leadfree N/A: Not yet available Lead (Pb)-Free; for estimated conversion dates, go to www.ti.com/leadfree. Pb-Free: TI defines "Lead (Pb)-Free" or "Pb-Free" to mean RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and, if designed to be soldered, suitable for use in specified lead-free soldering processes. Green: TI defines "Green" to mean Lead (Pb)-Free and in addition, uses package materials that do not contain halogens, including bromine (Br), or antimony (Sb) above 0.1% of total product weight. PW PACKAGE (TOP VIEW) 2 Submit Documentation Feedback Copyright © 2003–2008, Texas Instruments Incorporated Product Folder Link(s): TPA3007D1 |
유사한 부품 번호 - TPA3007D1PWRG4 |
|
유사한 설명 - TPA3007D1PWRG4 |