전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3100D2RGZR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3100D2RGZR
상세설명  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3100D2RGZR 데이터시트(HTML) 1 Page - Texas Instruments

  TPA3100D2RGZR Datasheet HTML 1Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 2Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 3Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 4Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 5Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 6Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 7Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 8Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
QFN
HTQFP
Simplified ApplicationCircuit
TV Audio
Processor
RINP
BSRN
BSRP
VCLAMPR
VCLAMPL
PGNDR
PGNDL
VREG
VBYP
ROSC
BSLN
ROUTN
LOUTN
LOUTP
BSLP
ROUTP
TPA3100D2
LINN
RINN
LINP
MUTE
GAIN0
GAIN1
SYNC
FAULT
PVCCR
PVCCL
AVCC
AGND
MSTR/SLV
SHUTDOWN
Shutdown
Control
MuteControl
SyncControl
FaultFlag
10Vto26V
GainSelect
1 F
m
1 F
m
1 F
m
1 F
m
10nF
100kW
0.22 F
m
0.22 F
m
0.22 F
m
0.22 F
m
1 F
m
1 F
m
1 F
m
TPA3100D2
www.ti.com
SLOS469F – OCTOBER 2005 – REVISED AUGUST 2010
20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Check for Samples: TPA3100D2
1
FEATURES
APPLICATIONS
Televisions
20-W/ch into an 8-
Ω Load From a 18-V Supply
10-W/ch into an 8-
Ω Load From a 12-V Supply
DESCRIPTION
15-W/ch into an 4-
Ω Load From a 12-V Supply
The TPA3100D2 is a 20-W (per channel) efficient,
Operates from 10 V to 26 V
Class-D audio power amplifier for driving bridged-tied
92% Efficient Class-D Operation Eliminates
stereo speakers. The TPA3100D2 can drive stereo
Need for Heat Sinks
speakers as low as 4
Ω. The high efficiency of the
Four Selectable, Fixed Gain Settings
TPA3100D2,
92%,
eliminates
the
need
for
an
external heat sink when playing music.
Differential Inputs
The gain of the amplifier is controlled by two gain
Thermal and Short-Circuit Protection With
select pins. The gain selections are 20, 26, 32,
Auto Recovery Feature
36 dB.
Clock Output for Synchronization With
The outputs are fully protected against shorts to
Multiple Class-D Devices
GND, VCC, and output-to-output shorts with an auto
Surface Mount 7 mm × 7 mm, 48-pin QFN
recovery feature and monitor output.
Package
Surface Mount 9 mm × 9 mm, 48-pin HTQFP
Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPA3100D2RGZR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3100D2RGZR TI-TPA3100D2RGZR Datasheet
2Mb / 31P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZR TI-TPA3100D2RGZR Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZR-P TI-TPA3100D2RGZR-P Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZRG4 TI-TPA3100D2RGZRG4 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3100D2RGZR

제조업체부품명데이터시트상세설명
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
2Mb / 31P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com