전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6111A2 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TPA6111A2
상세설명  150-mW Stereo Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6111A2 데이터시트(HTML) 2 Page - Texas Instruments

  TPA6111A2_17 Datasheet HTML 1Page - Texas Instruments TPA6111A2_17 Datasheet HTML 2Page - Texas Instruments TPA6111A2_17 Datasheet HTML 3Page - Texas Instruments TPA6111A2_17 Datasheet HTML 4Page - Texas Instruments TPA6111A2_17 Datasheet HTML 5Page - Texas Instruments TPA6111A2_17 Datasheet HTML 6Page - Texas Instruments TPA6111A2_17 Datasheet HTML 7Page - Texas Instruments TPA6111A2_17 Datasheet HTML 8Page - Texas Instruments TPA6111A2_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
TPA6111A2
SLOS313C – DECEMBER 2000 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPA6111A2
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 3
7.1
Absolute Maximum Ratings ...................................... 3
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
DC Electrical Characteristics, VDD = 3.3 V ............... 4
7.6
AC Operating Characteristics, VDD = 3.3 V .............. 4
7.7
DC Electrical Characteristics, VDD = 5.5 V ............... 5
7.8
AC Operating Characteristics, VDD = 5.5 V .............. 5
7.9
AC Operating Characteristics, VDD = 3.3 V............... 5
7.10
AC Operating Characteristics, VDD = 5 V................ 5
7.11
Typical Characteristics ............................................ 6
8
Parameter Measurement Information ................ 11
9
Detailed Description ............................................ 12
9.1
Overview ................................................................. 12
9.2
Functional Block Diagram ....................................... 12
9.3
Feature Description................................................. 12
9.4
Device Functional Modes........................................ 12
10
Application and Implementation........................ 13
10.1
Application Information.......................................... 13
10.2
Typical Application ............................................... 13
11
Power Supply Recommendations ..................... 16
12
Layout................................................................... 17
12.1
Layout Guidelines ................................................. 17
12.2
Layout Examples................................................... 17
13
Device and Documentation Support ................. 19
13.1
Documentation Support ........................................ 19
13.2
Community Resources.......................................... 19
13.3
Trademarks ........................................................... 19
13.4
Electrostatic Discharge Caution ............................ 19
13.5
Glossary ................................................................ 19
14
Mechanical, Packaging, and Orderable
Information ........................................................... 19
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (June 2014) to Revision C
Page
Added Device Comparison table, ESD Ratings table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section....................................... 1
Removed Dissipation Ratings table ....................................................................................................................................... 1


유사한 부품 번호 - TPA6111A2_17

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA6111A2_17

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com