전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS68EN360VA33L 데이터시트(PDF) 6 Page - ATMEL Corporation

부품명 TS68EN360VA33L
상세설명  32-bitQuad Integrated Communication Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68EN360VA33L 데이터시트(HTML) 6 Page - ATMEL Corporation

Back Button TS68EN360VA33L Datasheet HTML 2Page - ATMEL Corporation TS68EN360VA33L Datasheet HTML 3Page - ATMEL Corporation TS68EN360VA33L Datasheet HTML 4Page - ATMEL Corporation TS68EN360VA33L Datasheet HTML 5Page - ATMEL Corporation TS68EN360VA33L Datasheet HTML 6Page - ATMEL Corporation TS68EN360VA33L Datasheet HTML 7Page - ATMEL Corporation TS68EN360VA33L Datasheet HTML 8Page - ATMEL Corporation TS68EN360VA33L Datasheet HTML 9Page - ATMEL Corporation TS68EN360VA33L Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
6
TS68EN360
2113A–HIREL–03/02
Signal Index
Table 1. System Bus Signal Index (Normal Operation)
Group
Signal Name
Mnemonic
Function
Address
Address Bus
A27-A0
Lower 27 bits of address bus. (I/O)
Address Bus/Byte Write
Enables
A31-A28
WE3-WE0
Upper four bits of address bus (I/O), or byte write enable
signals (O) for accesses to external memory or peripherals.
Function Codes
FC3-FC0
Identifies the processor state and the address space of the
current bus cycle. (I/O)
Data
Data Bus 31 - 16
D31-D16
Upper 16-bit data bus used to transfer byte or word data.
Used in 16-bit bus mode. (I/O)
Data Bus 15 - 0
D15-D0
Lower 16-bit data bus used to transfer 3-byte or long-word
data. (I/O)
Not used in 16-bit bus mode.
Parity
Parity 2 - 0
PRTY2-PRTY0
Parity signals for byte writes/reads from/to external memory
module. (I/O)
Parity 3/16BM
PRTY3/16BM
Parity signals for byte writes/reads from/to external memory
module or defines 16-bit bus mode. (I/O)
Parity Error
PERR
Indicates a parity error during a read cycle. (O)
Memory
Controller
Chip Select
Row Address Select 7
Interrupt Acknowledge 7
CS
RAS7
IACK7
Enables peripherals or DRAMs at programmed addresses
(O) or interrupt level 7 acknowledge line. (O)
Chip Select 6-0
Row Address Select 6-0
CS6-CS0
RAS6-RAS0
Enables peripherals or DRAMs at programmed addresses.
(O)
Column Address Select
3 - 0/Interrupt
Acknowledge 1, 2, 3, 6
CAS3-CAS0/
IACK6,3,2,1
DRAM column address select or interrupt level acknowledge
lines. (O)
Bus Arbitration
Bus Request
BR
Indicates that an external device requires bus mastership. (I)
Bus Grant
BG
Indicates that the current bus cycle is complete and the
QUICC has relinquished the bus. (O)
Bus Grand Acknowledge
BGACK
Indicates that an external device has assumed bus
mastership. (I)
Read-Modify-Write Cycle
Initial Configuration 0
RMC
CONFIG0
Identifies the bus cycle as part of an indivisible
read-modify-write operation (I/O) or initial QUICC
configuration select. (I)
Bus Clear Out/Initial
Configuration 1/Row
Address Select 2
Double-Drive
BCLRO/CONFIG1/
RAS2DD
Indicates that an internal device requires the external bus
(Open-Drain O) or initial QUICC configuration select (I) or
row address select 2 double-drive output. (O)


유사한 부품 번호 - TS68EN360VA33L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com