전자부품 데이터시트 검색엔진 |
|
STD49GK16 데이터시트(PDF) 2 Page - Sirectifier Semiconductors |
|
STD49GK16 데이터시트(HTML) 2 Page - Sirectifier Semiconductors |
2 / 4 page Thyristor-Diode Modules Symbol Test Conditions Characteristic Values Unit V VT, VF IT, IF=200A; TVJ=25oC 1.75 VTO For power-loss calculations only (TVJ=125oC) 0.85 V rT 5.3 m VD=6V; TVJ=25oC TVJ=-40oC VGT 1.5 1.6 V VD=6V; TVJ=25oC TVJ=-40oC IGT 100 200 mA VGD TVJ=TVJM; VD=2/3VDRM 0.2 V IGD 10 mA IH TVJ=25oC; VD=6V; RGK= 200 mA TVJ=25oC; tp=10us; VD=6V IG=0.45A; diG/dt=0.45A/us 450 mA IL per thyristor/diode; DC current per module RthJC 0.53 0.265 K/W per thyristor/diode; DC current per module RthJK 0.73 0.365 K/W dS Creeping distance on surface 12.7 mm dA Strike distance through air 9.6 mm a Maximum allowable acceleration 50 m/s2 IRRM, IDRM TVJ=TVJM; VR=VRRM; VD=VDRM 5 mA TVJ=25oC; VD=1/2VDRM IG=0.45A; diG/dt=0.45A/us tgd 2 us TVJ=TVJM; IT=120A; tp=200us; -di/dt=10A/us typ. VR=100V; dv/dt=20V/us; VD=2/3VDRM tq 150 us uC QS TVJ=TVJM; IT, IF=50A; -di/dt=0.64A/us 90 IRM 11 A FEATURES * International standard package * Glass passivated chips ADVANTAGES * Space and weight savings * Simple mounting with two screws * Improved temperature and power cycling * Reduced protection circuits APPLICATIONS * DC motor control * Softstart AC motor controller * Light, heat and temperature control * DCB base plate STD49GKXX * Isolation voltage 3600 V~ * UL File NO.E310749 * RoHS compliant P2 ©2008 SIRECTIFIER All rights reserved, Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com www.sirectifier.com |
유사한 부품 번호 - STD49GK16 |
|
유사한 설명 - STD49GK16 |