전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS100ATB6 데이터시트(PDF) 3 Page - Pan Jit International Inc.

부품명 BAS100ATB6
상세설명  SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS100ATB6 데이터시트(HTML) 3 Page - Pan Jit International Inc.

  BAS100ATB6_16 Datasheet HTML 1Page - Pan Jit International Inc. BAS100ATB6_16 Datasheet HTML 2Page - Pan Jit International Inc. BAS100ATB6_16 Datasheet HTML 3Page - Pan Jit International Inc. BAS100ATB6_16 Datasheet HTML 4Page - Pan Jit International Inc. BAS100ATB6_16 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 3
June 2,2016-REV.02
BAS100ATB6
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 4K per 7" plastic Reel
T/R - 10K per 13" plastic Reel


유사한 부품 번호 - BAS100ATB6_16

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAS100ATB6_R1_00001 PANJIT-BAS100ATB6_R1_00001 Datasheet
329Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
August 10,2022
BAS100ATB6_R2_00001 PANJIT-BAS100ATB6_R2_00001 Datasheet
329Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
August 10,2022
BAS100ATB6 PANJIT-BAS100ATB6_V01 Datasheet
329Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
August 10,2022
More results

유사한 설명 - BAS100ATB6_16

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMRSH-4DO CENTRAL-CMRSH-4DO Datasheet
921Kb / 3P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING SILICON SCHOTTKY DIODES
logo
Pan Jit International I...
BAS100ATB6 PANJIT-BAS100ATB6_V01 Datasheet
329Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
August 10,2022
BAS100ATB6 PANJIT-BAS100ATB6 Datasheet
131Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
logo
Central Semiconductor C...
CMLSH-4DO CENTRAL-CMLSH-4DO_10 Datasheet
579Kb / 2P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
CMRD6263DO CENTRAL-CMRD6263DO Datasheet
855Kb / 3P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING SILICON SCHOTTKY DIODES
CMLSH-4DO CENTRAL-CMLSH-4DO Datasheet
91Kb / 2P
   SURFACE MOUNT PICOmini DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
CMLSH05-4DO CENTRAL-CMLSH05-4DO_10 Datasheet
578Kb / 2P
   SURFACE MOUNT DUAL ISOLATED, LOW VF OPPOSING SILICON SCHOTTKY DIODES
CMKSH-3DO CENTRAL-CMKSH-3DO_10 Datasheet
495Kb / 2P
   SURFACE MOUNT DUAL OPPOSING SILICON SCHOTTKY DIODES
CMLD3003DO CENTRAL-CMLD3003DO_10 Datasheet
580Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD4448DO CENTRAL-CMLD4448DO_10 Datasheet
582Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING HIGH SPEED SILICON SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com