전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6132A2RTER 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6132A2RTER
상세설명  25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6132A2RTER 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPA6132A2RTER Datasheet HTML 3Page - Texas Instruments TPA6132A2RTER Datasheet HTML 4Page - Texas Instruments TPA6132A2RTER Datasheet HTML 5Page - Texas Instruments TPA6132A2RTER Datasheet HTML 6Page - Texas Instruments TPA6132A2RTER Datasheet HTML 7Page - Texas Instruments TPA6132A2RTER Datasheet HTML 8Page - Texas Instruments TPA6132A2RTER Datasheet HTML 9Page - Texas Instruments TPA6132A2RTER Datasheet HTML 10Page - Texas Instruments TPA6132A2RTER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1
10
40
10
100
1000
R -LoadResistance-
L
W
V
=2.5V,1% THD+N
DD
V
=3.6V,10% THD+N
DD
f=1kHz
V
=2.5V,10% THD+N
DD
V
=3.6V,1% THD+N
DD
0
5
10
15
20
25
30
10
100
200
R -LoadResistance-
L
W
THD+N=1%,
V
=3.6V
DD
HPVSSandFlyingCap=2.2 F
m
HPVSSandFlyingCap=1 F
m
HPVSSandFlyingCap=0.47 F
m
2.5
3
3.5
4
4.5
5
5.5
V
-SupplyVoltage-V
DD
THD+N=1%
THD+N=10%
0
5
10
15
20
25
30
35
40
45
50
R =16
L
W
THD+N=1%
THD+N=10%
2.5
3
3.5
4
4.5
5
5.5
V
-SupplyVoltage-V
DD
0
5
10
15
20
25
30
35
40
45
50
R =32
L
W
0.001
0.01
0.1
1
20
100
1k
10k
20k
f-Frequency-Hz
P =20mWperChannel
O
P =10mWperChannel
O
P =1mWperChannel
O
R =32
,
V
=3.6V
L
DD
W
0.001
0.01
0.1
1
20
100
1k
10k
20k
f-Frequency-Hz
P =20mWperChannel
O
P =1mWperChannel
O
R =32
,
V
=5V
L
DD
W
P =10mWperChannel
O
TPA6132A2
www.ti.com
SLOS597A – DECEMBER 2008 – REVISED OCTOBER 2014
Typical Characteristics (continued)
Figure 7. Total Harmonic Distortion + Noise vs Frequency
Figure 8. Total Harmonic Distortion + Noise vs Frequency
Figure 9. Output Power vs Supply Voltage
Figure 10. Output Power vs Supply Voltage
Figure 11. Output Power vs Load Resistance
Figure 12. Output Power vs Load Resistance
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPA6132A2


유사한 부품 번호 - TPA6132A2RTER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6132A2RTER TI-TPA6132A2RTER Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results

유사한 설명 - TPA6132A2RTER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com