전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6130A2RTJTG4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6130A2RTJTG4
상세설명  138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6130A2RTJTG4 데이터시트(HTML) 1 Page - Texas Instruments

  TPA6130A2RTJTG4 Datasheet HTML 1Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 2Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 3Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 4Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 5Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
RIGHTINP
RIGHTINM
LEFTINP
LEFTINM
CPP CPN
CPVSS
VDD
VDD
HPLEFT
HPRIGHT
SDA
SCL
SD
GND
GND
GPIO
I C
2
AudioSource
LeftOutM
LeftOutP
RightOutM
RightOutP
TPA6130A2
1 F
m
0.47 F
m
0.47 F
m
0.47 F
m
1 F
m
0.47 F
m
1 F
m
1 F
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA6130A2
SLOS488F – NOVEMBER 2006 – REVISED MARCH 2015
TPA6130A2 138-mW DIRECTPATH™ Stereo Headphone Amplifier with I2C Volume Control
1 Features
3 Description
The TPA6130A2 is a stereo DirectPath™ headphone
1
DirectPath™ Ground-Referenced Outputs
amplifier
with
I2C
digital
volume
control.
The
Eliminates Output DC Blocking Capacitors
TPA6130A2
has
minimal
quiescent
current
Reduces Board Area
consumption, with a typical IDD of 4 mA, making it
optimal for portable applications. The I2C control
Reduces Component Height and Cost
allows maximum flexibility with a 64 step audio taper
Full Bass Response Without Attenuation
volume control, channel independent enables and
Power Supply Voltage Range: 2.5 V to 5.5 V
mutes, and the ability to configure the outputs into
stereo, dual mono, or a single receiver speaker BTL
64 Step Audio Taper Volume Control
amplifier that drives 300 mW of power into 16
High Power Supply Rejection Ratio
loads.
(>100 dB PSRR)
The TPA6130A2 is a high fidelity amplifier with an
Differential Inputs for Maximum Noise Rejection
SNR of 98 dB. A PSRR greater than 100 dB enables
(68 dB CMRR)
direct-to-battery connections without compromising
High-Impedance Outputs When Disabled
the listening experience. The output noise of 9
μVrms
Advanced Pop and Click Suppression Circuitry
(typical
A-weighted)
provides
a
minimal
noise
background during periods of silence. Configurable
Digital I2C Bus Control
differential inputs and high CMRR allow for maximum
Per Channel Mute and Enable
noise rejection in the noisy environment of a mobile
Software Shutdown
device.
Multi-Mode Support: Stereo HP, Dual Mono
TPA6130A2 packaging includes a 2 by 2 mm chip-
HP, and Single-Channel BTL Operation
scale package, and a 4 by 4 mm QFN package.
Amplifier Status
Device Information(1)
Space Saving Packages
PART NUMBER
PACKAGE
BODY SIZE (NOM)
20 Pin, 4 mm x 4 mm QFN
WQFN (20)
4.00mm x 4.00mm
16 ball, 2 mm x 2 mm DSBGA
TPA6130A2
DSBGA (16)
2.00mm x 2.00mm
ESD Protection of 8 kV HBM and IEC Contact
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
2 Applications
Mobile Phones
Portable Media Players
Notebook Computers
High Fidelity Applications
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - TPA6130A2RTJTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6130A2RTJTG4 TI-TPA6130A2RTJTG4 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJTG4 TI1-TPA6130A2RTJTG4 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
More results

유사한 설명 - TPA6130A2RTJTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com