전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6203A1DGNR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6203A1DGNR
상세설명  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6203A1DGNR 데이터시트(HTML) 3 Page - Texas Instruments

  TPA6203A1DGNR Datasheet HTML 1Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 2Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 3Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 4Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 5Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 6Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 7Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 8Page - Texas Instruments TPA6203A1DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA6203A1
www.ti.com.......................................................................................................................................................... SLOS364F – MARCH 2002 – REVISED JUNE 2008
TA = 25°C, Gain = 1 V/V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output offset voltage (measured
|VOO|
VI = 0 V, VDD = 2.5 V to 5.5 V
9
mV
differentially)
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V
-90
-70
dB
VDD = 3.6 V to 5.5 V, VIC = 0.5 V to VDD-0.8
-70
-65
CMRR
Common-mode rejection ratio
dB
VDD = 2.5 V, VIC = 0.5 V to 1.7 V
-62
-55
VDD = 5.5 V
0.30
0.46
RL = 8 Ω, VIN+ = VDD,
VOL
Low-level output voltage
VDD = 3.6 V
0.22
V
VIN- = 0 V or VIN+ = 0 V, VIN- = VDD
VDD = 2.5 V
0.19
0.26
VDD = 5.5 V
4.8
5.12
RL = 8 Ω, VIN+ = VDD,
VOH
High-level output voltage
VDD = 3.6 V
3.28
V
VIN- = 0 V or VIN+ = 0 V, VIN- = VDD
VDD = 2.5 V
2.1
2.24
|IIH|
High-level input current
VDD = 5.5 V, VI = 5.8 V
1.2
µA
|IIL|
Low-level input current
VDD = 5.5 V, VI = -0.3 V
1.2
µA
IDD
Supply current
VDD = 2.5 V to 5.5 V, No load, SHUTDOWN = 2 V
1.7
2
mA
IDD(SD)
Supply current in shutdown mode SHUTDOWN = 0.8 V, VDD = 2.5 V to 5.5 V, No load
0.01
0.9
µA
TA = 25°C, Gain = 1 V/V, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
1.25
PO
Output power
THD + N = 1%, f = 1 kHz
VDD = 3.6 V
0.63
W
VDD = 2.5 V
0.3
VDD = 5 V, PO = 1 W, f = 1 kHz
0.06%
Total harmonic distortion
THD+N
VDD = 3.6 V, PO = 0.5 W, f = 1 kHz
0.07%
plus noise
VDD = 2.5 V, PO = 200 mW, f = 1 kHz
0.08%
C(BYPASS) = 0.47 °F,
f = 217 Hz to 2 kHz,
VDD = 3.6 V to 5.5 V,
-87
VRIPPLE = 200 mVPP
Inputs ac-grounded with CI = 2 µF
C(BYPASS) = 0.47 µF,
f = 217 Hz to 2 kHz,
kSVR
Supply ripple rejection ratio
VDD = 2.5 V to 3.6 V,
-82
dB
VRIPPLE = 200 mVPP
Inputs ac-grounded with CI = 2 µF
C(BYPASS) = 0.47 µF,
f = 40 Hz to 20 kHz,
VDD = 2.5 V to 5.5 V,
≤-74
VRIPPLE = 200 mVPP
Inputs ac-grounded with CI = 2 µF
SNR
Signal-to-noise ratio
VDD = 5 V, PO= 1 W
104
dB
No weighting
17
Vn
Output voltage noise
f = 20 Hz to 20 kHz
µV
RMS
A weighting
13
VDD = 2.5 V to 5.5 V,
f = 20 Hz to 1 kHz
≤-85
Common-mode rejection
CMRR
resistor tolerance = 0.1%,
dB
ratio
f = 20 Hz to 20 kHz
≤-74
gain = 4V/V, VICM = 200 mVPP
ZI
Input impedance
2
M
ZO
Output impedance
Shutdown mode
>10k
Shutdown attenuation
f = 20 Hz to 20 kHz, RF = RI = 20 kΩ
-80
dB
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA6203A1


유사한 부품 번호 - TPA6203A1DGNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6203A1DGNR TI-TPA6203A1DGNR Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNR TI-TPA6203A1DGNR Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNRG4 TI-TPA6203A1DGNRG4 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA6203A1DGNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com