전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6204A1DRBR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6204A1DRBR
상세설명  1.7-W Mono Fully Differential Audio Power Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6204A1DRBR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA6204A1DRBR Datasheet HTML 4Page - Texas Instruments TPA6204A1DRBR Datasheet HTML 5Page - Texas Instruments TPA6204A1DRBR Datasheet HTML 6Page - Texas Instruments TPA6204A1DRBR Datasheet HTML 7Page - Texas Instruments TPA6204A1DRBR Datasheet HTML 8Page - Texas Instruments TPA6204A1DRBR Datasheet HTML 9Page - Texas Instruments TPA6204A1DRBR Datasheet HTML 10Page - Texas Instruments TPA6204A1DRBR Datasheet HTML 11Page - Texas Instruments TPA6204A1DRBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0.00001
0.0001
0.001
0.01
0.1
1
10
0
1
2
3
4
5
VDD = 3.6 V
VDD = 5 V
VDD = 2.5 V
Voltage on SHUTDOWN Terminal − V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
TA = 25°C
TA = −40°C
TA = 125°C
VDD = 5 V
VDD − Supply Voltage − V
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
−180
−150
−120
−90
−60
−30
0
30
60
90
120
150
180
1
100
10 k
100 k
1 M
10 M
1 k
f − Frequency − Hz
Gain
Phase
VDD = 5 V
RL = 8 Ω
Gain = 1
10
−40
−30
−20
−10
0
10
20
30
40
50
60
70
80
90
100
−180
−150
−120
−90
−60
−30
0
30
60
90
120
150
180
VDD = 5 V,
RL = 8 Ω
Gain
Phase
100
1 k
10 k
100 k
1 M
f − Frequency − Hz
8
TPA6204A1
SLOS429C – MAY 2004 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA6204A1
Submit Documentation Feedback
Copyright © 2004–2016 , Texas Instruments Incorporated
Figure 11. Closed-Loop Gain/Phase vs Frequency
Figure 12. Open-Loop Gain/Phase vs Frequency
Figure 13. Supply Current vs Supply Voltage
Figure 14. Supply Current vs Supply Voltage
8 Parameter Measurement Information
All parameters are measured according to the conditions described in Specifications.


유사한 부품 번호 - TPA6204A1DRBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6204A1DRBR TI-TPA6204A1DRBR Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRBRG4 TI-TPA6204A1DRBRG4 Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA6204A1DRBR

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
[Old version datasheet]   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_15 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com