전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N6632 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 1N6632
상세설명  5 WATT ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6632 데이터시트(HTML) 1 Page - Microsemi Corporation

  1N6632 Datasheet HTML 1Page - Microsemi Corporation 1N6632 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOMINAL
TEST
ZENER
CURRENT
ZZK(1)
SURGE
TYPE
VOLTAGE
IZT
@
REGULATION
CURRENT
VZ@IZT
ZZ@IZT
IZK=5mA
VZ
IR
VR
IZSM
±5%
VOLTS
mA
OHMS
OHMS
VOLTS
µ A
VOLTS
AMPS
1N6632
3.3
380
3.0
500
0.90
300
1.0
20.0
1N6633
3.6
350
2.5
500
0.80
250
1.0
18.7
1N6634
3.9
320
2.0
500
0.75
175
1.0
17.6
1N6635
4.3
290
2.0
500
0.70
25
1.0
16.4
1N6636
4.7
260
2.0
450
0.60
20
1.0
15.3
1N6637
5.1
240
1.5
400
0.50
5
1.0
14.4
1N5968
5.6
220
1.0
400
0.4
5000
4.28
20
1N5969
6.2
220
1.0
1000
0.5
1000
4.74
20
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed, Glass “B”
Body per MIL-PRF- 19500/356
D-5B
LEAD MATERIAL: Copper clad steel
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC): 30
°C/W maximum
THERMAL IMPEDANCE: (ZOJX): 3
°C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any
0.115/0.145
2.92/3.68
0.130/0.195
3.30/4.95
0.036/0.042
0.91/1.07
0.900
22.86
73
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (781) 689-0803
WEBSITE: http://www.microsemi.com
• AVAILABLE IN
JAN, JANTX, JANTXV, AND JANS
PER MIL-PRF-19500/356
• 5 WATT ZENER DIODES
• NON CAVITY CONSTRUCTION
• METALLURGICALLY BONDED
1N6632
THRU
1N6637
AND
1N5968
AND
1N5969
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
Power Dissapation: 5W @ TL=+25°C, L=
3/
8”
Power Derating: 33mW/°C above TL=+25°C, L=
3/
8”
Forward Voltage: 1.5 V dc @ IF=1A dc
NOTE 1
IZK=1.0 mA for 1N5969
NOTE 2
Zener voltage is measured using the pulse method, 0.2mSec to 200mSec at IZT, with the
diode junction stabilized at 25
°C ±3°C prior to the pulse.
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
VOLTAGE
POLARITY
BAND
(CATHODE)


유사한 부품 번호 - 1N6632

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N6632 MICROSEMI-1N6632 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N6632 MICROSEMI-1N6632 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
1N6632 MICROSEMI-1N6632 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N6632 DIGITRON-1N6632 Datasheet
132Kb / 2P
   5 WATT GLASS ZENER DIODES
More results

유사한 설명 - 1N6632

제조업체부품명데이터시트상세설명
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
logo
Digitron Semiconductors
1N5333B DIGITRON-1N5333B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
1N4954 DIGITRON-1N4954 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
1N4954 MICROSEMI-1N4954 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Digitron Semiconductors
1N5968 DIGITRON-1N5968 Datasheet
132Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Microsemi Corporation
JANTX1N4965 MICROSEMI-JANTX1N4965 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com