전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP-150A 데이터시트(PDF) 1 Page - Total Power International

부품명 TP-150A
상세설명  150W Triple Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TP-150A 데이터시트(HTML) 1 Page - Total Power International

  TP-150A Datasheet HTML 1Page - Total Power International TP-150A Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
OVERTEMPERATURE(OPTION)
ACCURRENT (Typ.)
90~264VAC127~370VDC
47~63Hz
PF>0.94/230VACPF>0.98/115VACatfullload
2.5A/115VAC1.2A/230VAC
COLDSTART
40A/230V
<3.5mA /240VAC
105~150% ratedoutputpower
5.75~6.75Von+5V
UL60950-1, TUVEN60950-1approved
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
± 0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
161.6Khrsmin.MIL-HDBK-217F(25
)
199*99*50mm(L*W*H)
0.9Kg;20pcs/19Kg/1.28CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
EN55024,lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11;ENV50204,
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
150W TripleOutputwithPFCFunction
Universal AC input / Full range
Built-in active PFC function, PF>0.94
Protections: Short circuit / Overload / Over voltage
Forced air cooling by built-in DC fan
Fixed switching frequency at 100KHz
3 years warranty
Features:
T P - 1 5 0 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC1min.
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
EMICONDUCTION&RADIATION
95
5
(TSW1)
±
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
Authorized Distributor: Total Power International, Inc.
Toll Free: 877-646-0900(US)
PH# (978)453-7272
www.total-power.com
INPUT
800ms,60ms/230VAC
115VACatfullload
800ms,60ms/
24ms/230VAC
115VACatfullload
24ms/
TP-150A
TP-150B
TP-150C
TP-150D
5V
12V
CH2
CH2
CH2
CH2
-5V
CH3
CH3
CH3
CH3
12V
15V
24V
-12V
-15V
12V
5V
5V
15A
0.6A
5.5A
4.5A
3A
0.6A
0.6A
0.6A
15A
15A
15A
2~20A
0.4~7A
0~1A
0.4~7A
0.4~6A
0.4~4A
0~1A
0~1A
0~1A
2~20A
2~20A
2~20A
150W
148.2W
151.5W
154.2W
100mVp-p
CH1:4.75~5.5V
120mVp-p 100mVp-p
120mVp-p
150mVp-p
150mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
± 3.0%
± 8.0%
± 6.0%
± 8.0%
+10,-6%
± 8.0%
± 6.0%
± 6.0%
± 6.0%
± 3.0%
± 3.0%
± 3.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 1.0%
± 3.0%
± 6.0%
± 4.0%
± 6.0%
± 6.0%
± 6.0%
± 4.0%
± 4.0%
± 4.0%
± 3.0%
± 3.0%
± 3.0%
75%
77%
77%
78%
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CH1
CH1
CH1
CH1
OUTPUTNUMBER
..
5V
6A


유사한 부품 번호 - TP-150A

제조업체부품명데이터시트상세설명
logo
Astrodyne Corporation
TP-150A ASTRODYNE-TP-150A Datasheet
304Kb / 2P
   150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-150A MEANWELL-TP-150A Datasheet
286Kb / 2P
   150W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-150A RSG-TP-150A Datasheet
128Kb / 2P
   150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-150A MEANWELL-TP-150A Datasheet
294Kb / 2P
   150W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-150A ASTRODYNE-TP-150A Datasheet
397Kb / 2P
   150W Triple Output with PFC Function
More results

유사한 설명 - TP-150A

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
TP-150 MEANWELL-TP-150 Datasheet
286Kb / 2P
   150W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-150 ASTRODYNE-TP-150 Datasheet
304Kb / 2P
   150W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-150 RSG-TP-150 Datasheet
128Kb / 2P
   150W Triple Output with PFC Function
logo
Astrodyne Corporation
TP150DRL ASTRODYNE-TP150DRL Datasheet
397Kb / 2P
   150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-150 MEANWELL-TP-150_10 Datasheet
294Kb / 2P
   150W Triple Output with PFC Function
logo
Astrodyne Corporation
TP150 ASTRODYNE-TP150 Datasheet
305Kb / 4P
   150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com