전자부품 데이터시트 검색엔진 |
|
SA1-053R3LF 데이터시트(PDF) 7 Page - Bothhand USA, LP. |
|
SA1-053R3LF 데이터시트(HTML) 7 Page - Bothhand USA, LP. |
7 / 15 page Bothhand Enterprise Inc. SA1 LF Series 1 Watt SMD Single O/P DC-DC Converter Single Single Single Single and Dual and Dual and Dual and Dual Output Output Output Output 7 www.bothhand.com.tw E-mail: sales@bothhand.com.tw 8 . Mechanical & Pin Connections Single Output Series (For Isolation Voltage 1KVdc) Dual Output Series (For Isolation Voltage 1KVdc ) Single Output Series (For Isolation Voltage 3KVdc) Pin 1K Vdc - Single Pin 1 -Vin NC 14 3 +Vin 12 5 No Pin No Pin 10 7 -Vo +Vo 8 Pin 1K Vdc - Dual Pin 1 -Vin NC 18 3 +Vin 16 5 No Pin No Pin 14 7 com +Vo 12 9 -Vo No Pin 10 SA1-0505 LF Date Code 12.80 [0.50] 11.40 [0.45] 8.40 [0.33] 2.54 [0.10] 5.08 [0.20] 7.60 [0.30] 5.90 [0.23] 1.70 [0.07] 8.15 [0.32] 1.50 [0.06] 0.60 [0.02] Units : mm (inch) Tolerance : 0.xx ± 0.25(0.xx ±0.01) 0.82 [0.03] 0.25 [0.01] 0.25 +0 -0.13 SA1-05D05 LF Date Code 15.20 [0.60] 11.40 [0.45] 8.40 [0.33] 2.54 [0.10] 5.08 [0.20] 7.60 [0.30] 5.90 [0.23] 1.70 [0.07] 8.15 [0.32] 1.50 [0.06] 0.60 [0.02] Units : mm (inch) Tolerance : 0.xx ± 0.25(0.xx ±0.01) 0.82 [0.03] 0.25 [0.01] 0.25 +0 -0.13 SA1-0505H LF Date Code 15.20 [0.60] 11.40 [0.45] 8.40 [0.33] 2.54 [0.10] 5.08 [0.20] 7.60 [0.30] 5.90 [0.23] 1.70 [0.07] 8.15 [0.32] 1.50 [0.06] 0.60 [0.02] Units : mm (inch) Tolerance : 0.xx ± 0.25(0.xx ±0.01) 0.82 [0.03] 0.25 [0.01] 0.25 +0 -0.13 Pin 3K Vdc - Single Pin 1 -Vin NC 18 3 +Vin 16 5 No Pin No Pin 14 7 -Vo +Vo 12 9 NC No Pin 10 |
유사한 부품 번호 - SA1-053R3LF |
|
유사한 설명 - SA1-053R3LF |