전자부품 데이터시트 검색엔진 |
|
SM1L-2405HLF 데이터시트(PDF) 2 Page - Bothhand USA, LP. |
|
SM1L-2405HLF 데이터시트(HTML) 2 Page - Bothhand USA, LP. |
2 / 2 page Technical Specification (2/2): Mechanical Dimensions (2/2): Dual Output Series (For Isolation Voltage 1KVdc) Model No. Input Voltage (Vdc) Output Voltage (Vdc) Output Current (mA) Max Input Current @No Load (mA) Typ. Input Current @Max. Load (mA) Typ. Output Ripple (mV) Max. Load Regulation (%) Max. Efficiency (%)Typ. 2) Dual Output Series SM1L-05D05 LF ± 5 ± 100 28 281 60 ± 12 71 SM1L-05D09 LF ± 9 ± 56 24 256 80 ± 12 78 SM1L-05D12 LF ± 12 ± 42 24 258 100 ± 10 78 SM1L-05D15 LF 5 ± 15 ± 34 26 252 120 ± 10 81 SM1L-12D05 LF ± 5 ± 100 15 114 60 ± 12 73 SM1L-12D09 LF ± 9 ± 56 15 106 80 ± 12 79 SM1L-12D12 LF ± 12 ± 42 15 103 100 ± 10 81 SM1L-12D15 LF 12 ± 15 ± 34 15 102 120 ± 10 83 SM1L-24D3R3 LF ± 3.3 ± 100 6 45 60 ± 12 66 SM1L-24D05 LF ± 5 ± 100 7 58 60 ± 8 76 SM1L-24D09 LF ± 9 ± 56 8 57 80 ± 5 78 SM1L-24D12 LF ± 12 ± 42 7 56 100 ± 5 80 SM1L-24D15 LF 24 ± 15 ± 34 10 60 120 ± 5 75 Pin 1K Vdc - Dual Pin 1 -Vin NC 18 3 +Vin 16 5 No Pin No Pin 14 7 Common +Vo 12 9 -Vo No Pin 10 2.54 [0.10] 0°~10° 2.05Max [0.08] 10.16 [0.40] 8.60 [0.34] 12.70 [0.50] 7.40 [0.29] 5.10 [0.20] 2.05 [0.08] 8.10 [0.32] 15.40 [0.61] SM1L-05D05 LF XXXXM Units: mm (inch) Tolerance: .xx ±0.25 10.10 [0.40] 0.50 [0.02] SM1L LF Series 1W Isolated DC/DC Converter Bothhand USA http://www.bothhandusa.com sales@bothhandusa.com |
유사한 부품 번호 - SM1L-2405HLF |
|
유사한 설명 - SM1L-2405HLF |