전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5XX5X7-EVB 데이터시트(PDF) 2 Page - Silicon Laboratories

부품명 SI5XX5X7-EVB
상세설명  Jumper selection for output enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5XX5X7-EVB 데이터시트(HTML) 2 Page - Silicon Laboratories

  SI5XX5X7-EVB Datasheet HTML 1Page - Silicon Laboratories SI5XX5X7-EVB Datasheet HTML 2Page - Silicon Laboratories SI5XX5X7-EVB Datasheet HTML 3Page - Silicon Laboratories SI5XX5X7-EVB Datasheet HTML 4Page - Silicon Laboratories SI5XX5X7-EVB Datasheet HTML 5Page - Silicon Laboratories SI5XX5X7-EVB Datasheet HTML 6Page - Silicon Laboratories SI5XX5X7-EVB Datasheet HTML 7Page - Silicon Laboratories SI5XX5X7-EVB Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si5xx5x7-EVB
2
Rev. 0.3
1. Functional Description
The Si5xx5x7-EVB provides access to all signals for
configuring and operating the device. This board allows
evaluation of the Si55x/595 VCXO device either by itself
(open-loop) or within a prototype PLL (closed-loop). The
performance of the Si53x/590/591 XO device can also
be evaluated on this board (the Vc port is not used for
XO devices).
1.1. Power Supply
The Si55x/Si53x/59x devices support operation from
nominal voltages of 1.8, 2.5, and 3.3 V. Review the
device data sheet and part number for allowed
configurations of output buffer type and device power
supply.
1.2. Voltage Control for VCXOs
The voltage control (VC) input of the Si55x/595 device is
conveniently accessible through an SMA jack (J3) but
can also be driven (and observed) through 100 mil-
centered posts (JP4). For prototyping purposes, two
0603 solder pads are located near the device VC input
(R3 and C3). A traditional PLL might use these as a
single-time-constant low-pass filter (RC filter). The EVB
is shipped with a 0
 resistor soldered at R3; C3 is left
open. The voltage control input is not used for XO
devices.
1.3. Output Clock
Because the Si55x/Si53x/59x devices can support an
LVPECL buffer type (in addition to LVDS and CMOS),
pulldown resistors (R1 and R2) are available for proper
output biasing. For LVPECL buffers, biasing can be
achieved through a variety of equivalent circuits; the
Si5xx5x7-EVB allows for 130
 pulldown resistors. After
the output biasing, the high-speed outputs are dc-
blocked for connection to differently biased inputs, such
as standard test equipment or a phase detector EVB.
Please review “1.4. Preparing the EVB” for non-LVPECL
devices.
1.4. Preparing the EVB
By default, the evaluation board is set up to accept
LVPECL configured devices. This configuration uses
130
 pull-down resistors to bias the LVPECL output
stage. If an LVDS, CMOS, or CML based device is to
be installed, the output biasing resistors, R1 and R2,
should be removed.
Table 1. Jumper Control
Part Type
JP1
JP2
JP3
JP4
Si530
N/A
N/A
OE
N/A
Si531
N/A
N/A
N/A
OE
Si532
N/A
N/A
OE
Freq Sel
Si533
N/A
N/A
Freq Sel
OE
Si534
Freq Sel1 Freq Sel2
OE
N/A
Si550
N/A
N/A
OE
VC
Si552
N/A
N/A
Freq Sel
VC
Si554
Freq Sel1 Freq Sel2
OE
VC
Si590
N/A
N/A
OE
N/A
Si591
N/A
N/A
N/A
OE
Si595
N/A
N/A
OE
VC
Notes:
1. With jumper(s) installed, signal(s) are driven low.
2. With jumper(s) not installed, signal(s) are pulled high.


유사한 부품 번호 - SI5XX5X7-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5XX-EVB SILABS-SI5XX-EVB Datasheet
231Kb / 8P
   EVALUATION BOARD FOR Si53X XOS AND Si55X VCXOS
SI5XX-PROG-EVB SILABS-SI5XX-PROG-EVB Datasheet
1Mb / 20P
   Windows-compatible software control and device programming
More results

유사한 설명 - SI5XX5X7-EVB

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
AN108 SMSC-AN108 Datasheet
358Kb / 4P
   capacitor Selection for Internal Regulator Output Pins
logo
Vincotech
V23990-K20X-U-P1-48 VINCOTECH-V23990-K20X-U-P1-48 Datasheet
37Kb / 2P
   Output inverter selection quide
V23990-K22X-U-P1-48 VINCOTECH-V23990-K22X-U-P1-48 Datasheet
41Kb / 2P
   Output inverter selection quide
logo
Global Mixed-mode Techn...
G978 GMT-G978 Datasheet
62Kb / 1P
   6A Low Dropout Regulator with Enable and Voltage Selection
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
   Output enable function
logo
Silicon Laboratories
SI53320-28 SILABS-SI53320-28 Datasheet
1Mb / 51P
   Output Enable option
logo
Integrated Device Techn...
ICS844S0258-07 IDT-ICS844S0258-07 Datasheet
555Kb / 21P
   Output enable signal for three LVDS outputs
logo
Maxim Integrated Produc...
MAX3397EEVKIT MAXIM-MAX3397EEVKIT Datasheet
75Kb / 4P
   Jumper-Selectable Enable/Shutdown Configuration
Rev 0; 8/07
logo
TOKO, Inc
MC138 TOKO-MC138 Datasheet
432Kb / 1P
   SELECTION GUIDE FOR STANDARD COILS
logo
STMicroelectronics
SPC56XXMB STMICROELECTRONICS-SPC56XXMB Datasheet
58Kb / 4P
   Two LIN channels with jumper enable
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com