전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9248-20PCB 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD9248-20PCB
상세설명  14-Bit, 20/40/65 MSPS Dual A/ D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9248-20PCB 데이터시트(HTML) 1 Page - Analog Devices

  AD9248-20PCB Datasheet HTML 1Page - Analog Devices AD9248-20PCB Datasheet HTML 2Page - Analog Devices AD9248-20PCB Datasheet HTML 3Page - Analog Devices AD9248-20PCB Datasheet HTML 4Page - Analog Devices AD9248-20PCB Datasheet HTML 5Page - Analog Devices AD9248-20PCB Datasheet HTML 6Page - Analog Devices AD9248-20PCB Datasheet HTML 7Page - Analog Devices AD9248-20PCB Datasheet HTML 8Page - Analog Devices AD9248-20PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
14-Bit, 20/40/65 MSPS
Dual A/D Converter
Preliminary Technical Data
AD9248
Rev. PrE
6/29/2004
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its use,
nor for any infringements of patents or other rights of third parties that may
result from its use. Specifications subject to change without notice. No license
is granted by implication or otherwise under any patent or patent rights of
Analog Devices. Trademarks and registered trademarks are the property of
their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Integrated Dual 14-Bit A-to-D Converters
Single 3 V Supply Operation (2.7 V to 3.6 V)
SNR = 73 dBc (to Nyquist, AD9248-65)
SFDR = 83 dBc (to Nyquist, AD9248-65)
Low Power: 600 mW at 65 MSPS
Differential Input with 500 MHz 3 dB Bandwidth
Exceptional Cross Talk Immunity > 85dB
Flexible Analog Input: 1 V p-p to 2 V p-p Range
Offset Binary or Twos Complement Data Format
Clock Duty Cycle Stabilizer
APPLICATIONS
Ultrasound Equipment
IF Sampling in Communications Receivers:
IS-95, CDMA One, IMT-2000
Battery-Powered Instruments
Hand-Held Scopemeters
Low Cost Digital Oscilloscopes
GENERAL DESCRIPTION
The AD9248 is a dual, 3 V, 14-bit, 20/40/65 MSPS analog-to-
digital converter. It features dual high performance sample-and
hold amplifiers and an integrated voltage reference. The
AD9248 uses a multistage differential pipelined architecture
with output error correction logic to provide 14-bit accuracy
and guarantee no missing codes over the full operating
temperature range at up to 65 MSPS data rates. The wide
bandwidth, differential SHA allows for a variety of user
selectable input ranges and offsets including single-ended
applications. It is suitable for various applications including
multiplexed systems that switch full-scale voltage levels in
successive channels and for sampling inputs at frequencies well
beyond the Nyquist rate.
Dual single-ended clock inputs are used to control all internal
conversion cycles. A duty cycle stabilizer is available on the
AD9248-65 and can compensate for wide variations in the
clock duty cycle, allowing the converters to maintain excellent
performance. The digital output data is presented in either
straight binary or twos complement format. Out-of-range
signals indicate an overflow condition, which can be used with
the most significant bit to determine low or high overflow.
Fabricated on an advanced CMOS process, the AD9248 is
available in a space saving 64-lead LQFP and is specified over
the industrial temperature range (–40? C to +85? C).
ADC
D13
A-D0A
AGND
VIN- _A
CLK_A
AD9248
SHA
14
VIN+_A
DCS
SENSE
REFT_A
14
AVDD
ADC
VIN-_B
SHA
VIN+_B
14
D13
B-D0B
14
MUX_SELECT
CLK_B
AGND
DRGND
SHARED_REF
PWDN_A
DFS
Mode
Control
+
-
REFB_A
REFT_B
REFB_B
Clock
Duty Cycle
Stabilizer
PWDN_B
OTR_B
OEB_B
OEB_A
OTR_A
0.5V
VREF
DRVDD
Figure 1. Functional Block Diagram
PRODUCT HIGHLIGHTS
1.
Pin compatible with AD9238, 12-bit 20/40/65MSPS
ADC.
2.
Speed grade options of 20 MSPS, 40 MSPS, and 65
MSPS allow flexibility between power, cost, and
performance to suit an application.
3.
Low power consumption:
AD9248-65: 65 MSPS = 600 mW.
AD9248-40: 40 MSPS = 330 mW.
AD9248-20: 20 MSPS = 180 mW.
4.
The patented SHA input maintains excellent
performance for input frequencies up to 100 MHz and
can be configured for single-ended or differential
operation.
5.
Typical channel isolation of 85 dB @ fIN = 10 MHz.
6.
The clock duty cycle stabilizer (AD9248-65 only)
maintains performance over a wide range of clock
duty cycles.
7.
The OTR output bits indicate when either input signal
is beyond the selected input range.
8.
Multiplexed data output option enables single-port
operation from either data port A or data port B.


유사한 부품 번호 - AD9248-20PCB

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9248 AD-AD9248 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9248BCP-20EB AD-AD9248BCP-20EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BCP-40EB AD-AD9248BCP-40EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BCP-65EB AD-AD9248BCP-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BCP-65EBZ AD-AD9248BCP-65EBZ Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results

유사한 설명 - AD9248-20PCB

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com