전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5316-EVB 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI5316-EVB
상세설명  The Si531x/2x Any-Frequency Precision Clocks
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5316-EVB 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI5316-EVB Datasheet HTML 2Page - Silicon Laboratories SI5316-EVB Datasheet HTML 3Page - Silicon Laboratories SI5316-EVB Datasheet HTML 4Page - Silicon Laboratories SI5316-EVB Datasheet HTML 5Page - Silicon Laboratories SI5316-EVB Datasheet HTML 6Page - Silicon Laboratories SI5316-EVB Datasheet HTML 7Page - Silicon Laboratories SI5316-EVB Datasheet HTML 8Page - Silicon Laboratories SI5316-EVB Datasheet HTML 9Page - Silicon Laboratories SI5316-EVB Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Si531x-EVB Si532x-EVB
6
Rev. 0.6
Figure 3. SPI Mode Serial Data Flow
This evaluation board requires two power inputs +3.3 V for the MCU and either 1.8, 2.5, or 3.3 V for the
Any-Frequency Precision Clock part. The power connector is J30. The grounds for the two supplies are tied
together on the EVB. There are eight LEDs, as described in Table 3.
The Evaluation board has a serial port connector (J17) that supports the following:
Control by the MCU/CPLD of an Any-Frequency part on an external target board.
Control of the Any-Frequency part that is on the Eval board through an external SPI or I2C port.
For details, see J17 (Table 5).
Though they are not needed on this Evaluation Board because the CPLD has low output leakage current, some
applications will require the use of external pullup and pulldown resistors when three level pins are being driven by
external logic drivers. This is particularly true for the pin-controlled parts: the Si5316, Si5322 and Si5323. Consult
the Si53xx-RM Any-Frequency Precision Clock Family Reference Manual for details.
5.6. MCU
The MCU is responsible for connecting the evaluation board to the PC so that PC resident software can be used to
control and monitor the Si532x. The USB connector is J3 and the debug port, by which the MCU is flashed, is J24.
The reset switch, SW1, resets the MCU, but not the CPLD. The MCU is a self-contained USB master and runs all
of the code required to control and monitor the Si532x, both in the MCU mode and in the pin-controlled modes.
U4 contains a unique serial number for each board and U3 is an EEPROM that is used to store configuration
information for the board. The board powers up in free run mode with a configuration that is outlined in "Appendix—
Powerup and Factory Default Settings" on page 23.
For the pin controlled parts (Si5316-EVB and Si5322/23-EVB), the contents of U3 configure the board on powerup
so that jumper plugs may be used.
If DSPLLsim is subsequently run, the jumper plugs should be removed before DSPLLsim downloads the
configuration to the EVB so that the jumpers do not conflict with the CPLD outputs.
For microprocessor parts, U3 configures the EVB for a specific frequency plan as described in "Appendix—
Powerup and Factory Default Settings" on page 23.
LVPECL outputs will not function at 1.8 V. If the Si532x part is to be operate at 1.8 V, the output format
needs to be changed by altering either the SFOUT pins (Si5316/22/23) or the SFOUT register bits (Si5319/
25/26/27).
MCU
CPLD
Si5325, Si5326
SS_CPLD_B
SCLK
MOSI
MISO
SS_B
SCLK
SDI
SDO
DUT_PWR
+3.3 V


유사한 부품 번호 - SI5316-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5316-B-GM SILABS-SI5316-B-GM Datasheet
583Kb / 16P
   PRELIMINARY DATA SHEET PRECISION CLOCK JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5316-C-GM SKYWORKS-SI5316-C-GM Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results

유사한 설명 - SI5316-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5325C-C-GM SILABS-SI5325C-C-GM Datasheet
2Mb / 178P
   ANY-FREQUENCY PRECISION CLOCKS
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com