전자부품 데이터시트 검색엔진 |
|
SB320_B0_00001 데이터시트(PDF) 2 Page - Pan Jit International Inc. |
|
SB320_B0_00001 데이터시트(HTML) 2 Page - Pan Jit International Inc. |
2 / 4 page PAGE . 2 April 20,2016-REV.05 SB320 SERIES RATING AND CHARACTERISTIC CURVES Fig.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS Fig.4 MAXIMUM NON - REPETITIVE SURGE CURRENT INSTANTANEOUS FORWARD VOLTAGE, VOLTS NO. OF CYCLE AT 60HZ 90 80 70 60 50 40 30 20 10 1 2 5 10 20 50 100 .6 .8 0 50 0.1 10 1.0 .4 .2 T= 25 C f = 1.0mHz Vsig= 50mVp-p J O 20-40V 50-60V Fig.2 TYPICAL REVERSE CHARACTERISTICS PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%) 020406080 100 10 1.0 0.1 0.01 .001 T= 100 C O T= 75 C O T= 25 C J J J O V =20-40V V =50-60V RRM RRM Fig.1 FORWARD CURRENT DERATING CURVE 5.0 4.0 2.0 0 1.0 3.0 0 20 40 60 80 100 120 140 160 LEAD TEMPERATURE, C O 20-30V 40-60V 0 20 40 60 80 100 120 0 25 50 75 100 125 150 TJ, Junction Temperature (°C) 20~30V 40~60V Fig.5 Operating Temperature Derating Curve |
유사한 부품 번호 - SB320_B0_00001 |
|
유사한 설명 - SB320_B0_00001 |