전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB3100L_R2_10001 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 SB3100L_R2_10001
상세설명  LOW VF SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB3100L_R2_10001 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  SB3100L_R2_10001 Datasheet HTML 1Page - Pan Jit International Inc. SB3100L_R2_10001 Datasheet HTML 2Page - Pan Jit International Inc. SB3100L_R2_10001 Datasheet HTML 3Page - Pan Jit International Inc. SB3100L_R2_10001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
May 5,2016-REV.02
SB3100L
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
0
0.5
1
1.5
2
2.5
3
3.5
0
25
50
75
100
125
150
Temperature (°C)
Mounted on P.C.B with 10 x 10cm
copper surface at 0.375" (9.5mm)
lead length
1
10
100
1000
0.1
1
10
100
VR, Reverse Bias Voltage (V)
0.0001
0.001
0.01
0.1
1
10
100
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
TJ =150°C
TJ =125°C
TJ = 75°C
TJ = 25°C
0.1
1
10
0.1
0.3
0.5
0.7
0.9
1.1
VF, Forward Voltage (V)
TJ = 150°C
TJ = 125°C
TJ = 75°C
TJ = 25°C
0
20
40
60
80
100
120
0
25
50
75
100
125
150
TJ, Junction Temperature (°C)
Fig.5 Operating Temperature Derating Curve


유사한 부품 번호 - SB3100L_R2_10001

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
SB3100L-Z21D-B UTC-SB3100L-Z21D-B Datasheet
164Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SB3100L-Z21D-R UTC-SB3100L-Z21D-R Datasheet
102Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SB3100L_R2_10001

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SCK240N SECOS-SCK240N Datasheet
277Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SR860L JINGHENG-SR860L Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SR1060LCT JINGHENG-SR1060LCT Datasheet
117Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SS24LT JINGHENG-SS24LT Datasheet
60Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Semiconduct...
SBL1030 SIRECTIFIER-SBL1030 Datasheet
82Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1050CT SIRECTIFIER-SBL1050CT Datasheet
102Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1630PT SIRECTIFIER-SBL1630PT Datasheet
125Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1650PT SIRECTIFIER-SBL1650PT Datasheet
125Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL3030CT SIRECTIFIER-SBL3030CT Datasheet
100Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL3050PT SIRECTIFIER-SBL3050PT Datasheet
124Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com