전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS32F 데이터시트(PDF) 2 Page - Nanjing International Group Co

부품명 SS32F
상세설명  3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DGNJDZ [Nanjing International Group Co]
홈페이지  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS32F 데이터시트(HTML) 2 Page - Nanjing International Group Co

  SS32F Datasheet HTML 1Page - Nanjing International Group Co SS32F Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
S 2F THRU S
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (S
S320F)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.6
1.2
1.8
2.4
3.0
3.6
0
20
40
60
80
100
120
140
160
180
200
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
5.0
AMBIENT TEMPERATURE ( C)
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=75 C
Tj=25 C
Tj=25 C
80
40
0
1
20
200
160
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


유사한 부품 번호 - SS32F

제조업체부품명데이터시트상세설명
logo
Guangdong Juxing Electr...
SS32F JUXING-SS32F Datasheet
650Kb / 2P
   Surface Mount Schottky Rectifiers
logo
DAESAN ELECTRONIC CORP.
SS32F DAESAN-SS32F Datasheet
203Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Xian Semipower Electron...
SS32F SEMIPOWER-SS32F Datasheet
127Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Bytesonic Electronics C...
SS32F BYTESONIC-SS32F Datasheet
415Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
SS32F ETC2-SS32F Datasheet
526Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SS32F

제조업체부품명데이터시트상세설명
logo
Bytes
SM5820B BYTES-SM5820B Datasheet
151Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM320A SECOS-SM320A Datasheet
226Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320B SECOS-SM320B Datasheet
160Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM3150C GWSEMI-SM3150C Datasheet
64Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS36-60V-DO-214AB DGNJDZ-SS36-60V-DO-214AB Datasheet
254Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS38F-80V-SMAF DGNJDZ-SS38F-80V-SMAF Datasheet
319Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310A-100V-SMAF DGNJDZ-SS310A-100V-SMAF Datasheet
311Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK35.3A-DO-214AB DGNJDZ-SK35.3A-DO-214AB Datasheet
128Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS36A-60V-SMAF DGNJDZ-SS36A-60V-SMAF Datasheet
311Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310-100V-DO-214AB DGNJDZ-SS310-100V-DO-214AB Datasheet
254Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310F-100V-SMAF DGNJDZ-SS310F-100V-SMAF Datasheet
319Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com