전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS7066ASN3 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDS7066ASN3
상세설명  30V N-Channel PowerTrench SyncFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS7066ASN3 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDS7066ASN3 Datasheet HTML 1Page - Fairchild Semiconductor FDS7066ASN3 Datasheet HTML 2Page - Fairchild Semiconductor FDS7066ASN3 Datasheet HTML 3Page - Fairchild Semiconductor FDS7066ASN3 Datasheet HTML 4Page - Fairchild Semiconductor FDS7066ASN3 Datasheet HTML 5Page - Fairchild Semiconductor FDS7066ASN3 Datasheet HTML 6Page - Fairchild Semiconductor FDS7066ASN3 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDS7066ASN3 Rev A (W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 1 mA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 10 mA, Referenced to 25°C
26
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
500
µA
IGSS
Gate–Body Leakage
VGS = ±20 V, VDS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 1 mA
1
1.5
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 10 mA, Referenced to 25°C
–3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V, ID = 19 A
VGS = 4.5 V, ID = 17.5 A
VGS = 10 V, ID = 19 A, TJ = 125°C
4
5
6
4.8
6.0
7.2
m
ID(on)
On–State Drain Current
VGS = 10 V, VDS = 5 V
30
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 19 A
76
S
Dynamic Characteristics
Ciss
Input Capacitance
2460
pF
Coss
Output Capacitance
710
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V, V GS = 0 V,
f = 1.0 MHz
260
pF
RG
Gate Resistance
VGS = 15 mV, f = 1.0 MHz
1.7
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
10
20
ns
tr
Turn–On Rise Time
12
22
ns
td(off)
Turn–Off Delay Time
44
70
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 10 V, RGEN = 6 Ω
28
45
ns
Qg(TOT)
Total Gate Charge at Vgs=10V
VDD = 15 V,
ID = 19 A, VGS = 5 V
44
62
nC
Qg
Total Gate Charge at Vgs=5V
24
34
nC
Qgs
Gate–Source Charge
7
nC
Qgd
Gate–Drain Charge
8
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Schottky Diode Forward Current
4.3
A
VSD
Drain–Source Schottky Diode
Forward Voltage
VGS = 0 V,
IS = 4.3 A
(Note 2)
0.5
0.7
V
tRR
Reverse Recovery Time
25
ns
QRR
Reverse Recovery Charge
IF = 19 A
diF/dt = 300 A/us
23
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a)
40°C/W when
mounted on a 1in
2 pad
of 2 oz copper
b)
85°C/W when mounted on
a minimum pad of 2 oz
copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


유사한 부품 번호 - FDS7066ASN3

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS7066N3 FAIRCHILD-FDS7066N3 Datasheet
192Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7066N7 FAIRCHILD-FDS7066N7 Datasheet
167Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS7066N7 FAIRCHILD-FDS7066N7 Datasheet
181Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7066N7 FAIRCHILD-FDS7066N7_04 Datasheet
181Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7066SN3 FAIRCHILD-FDS7066SN3 Datasheet
188Kb / 7P
   30V N-Channel PowerTrench SyncFET
More results

유사한 설명 - FDS7066ASN3

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com