전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM24CL64 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 FM24CL64
상세설명  64Kb 2.7V-3.6V FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

FM24CL64 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FM24CL64 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 10Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 11Page - List of Unclassifed Manufacturers FM24CL64 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FM24CL64
Rev 2.0
July 2003
Page 8 of 13
complexity to the software development. Each
software
routine
must
wait
for
complete
programming before allowing access to the next
routine.
5.
RF/ID. In the area of contactless memory,
FRAM provides an ideal solution. Since RF/ID
memory is powered by an RF field, the long
programming time and high current consumption
needed to write EEPROM is unattractive. FRAM
provides a superior solution. The FM24CL64 is
suitable for multi-chip RF/ID products.
6.
Maintenance tracking. In sophisticated systems,
the operating history and system state during a failure
is
important
knowledge.
Maintenance
can
be
expedited when this information has been recorded.
Due to the high write endurance, FRAM makes an
ideal system log. In addition, the convenient 2-wire
interface of the FM24CL64 allows memory to be
distributed throughout the system using minimal
additional resources.


유사한 부품 번호 - FM24CL64

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM24CL64 RAMTRON-FM24CL64 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM24CL64-DG RAMTRON-FM24CL64-DG Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM24CL64-G RAMTRON-FM24CL64-G Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM24CL64-S RAMTRON-FM24CL64-S Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
More results

유사한 설명 - FM24CL64

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com