전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25CL04 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 FM25CL04
상세설명  4Kb FRAM Serial 3V Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

FM25CL04 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FM25CL04 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM25CL04 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FM25CL04
Rev. 1.0
July 2003
Page 6 of 11
RDSR - Read Status Register
The RDSR command allows the bus master to verify
the contents of the Status register. Reading Status
provides information about the current state of the
write protection features. Following the RDSR op-
code, the FM25CL04 will return one byte with the
contents of the Status register. The Status register is
described in detail in a later section.
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status register. Prior to issuing a WRSR
command, the /WP pin must be high or inactive.
Prior to sending the WRSR command, the user must
send a WREN command to enable writes. Note that
executing a WRSR command is a write operation
and therefore clears the Write Enable Latch. The bus
configuration of RDSR and WRSR are shown
below.
Figure 7. RDSR Bus Configuration
Figure 8. WRSR Bus Configuration
Status Register & Write Protection
The write protection features of the FM25CL04 are
multi-tiered. Taking the /WP pin to a logic low state
is the hardware write protect function. All write
operations are blocked when /WP is low. To write the
memory with /WP high, a WREN op-code must first
be issued. Assuming that writes are enabled using
WREN and by /WP, writes to memory are controlled
by the Status register. As described above, writes to
the status register are performed using the WRSR
command and subject to the /WP pin. The Status
register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
0
0
0
0
BP1
BP0
WEL
0
Bits 0 and 7-4 are fixed at 0 and cannot be modified.
Note that the Ready bit in many EEPROMs is
unnecessary as the FRAM writes in real-time and is
never busy. The BP1 and BP0 control software write
protection features. They are nonvolatile! The WEL
flag indicates the state of the Write Enable Latch.
Writing the WEL bit in the status register has no
effect.
BP1 and BP0 are memory block write protection
bits. They specify portions of memory that are write
protected as shown in the following table.
Table 3. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
180h to 1FFh (upper ¼)
1
0
100h to 1FFh (upper ½)
1
1
000h to 1FFh (all)
The BP1 and BP0 bits allow software to selectively
write protect the array. These settings are only used
when the /WP pin is inactive and the WREN
command has been issued. The following table
summarizes the write protection conditions.


유사한 부품 번호 - FM25CL04

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25CL04-G RAMTRON-FM25CL04-G Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25CL04-S RAMTRON-FM25CL04-S Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
More results

유사한 설명 - FM25CL04

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com