전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FXT605 데이터시트(PDF) 1 Page - Zetex Semiconductors

부품명 FXT605
상세설명  NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FXT605 데이터시트(HTML) 1 Page - Zetex Semiconductors

  FXT605 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NPN SILICON PLANAR MEDIUM POWER
DARLINGTON TRANSISTOR
ISSUE 1 – SEPT 93
FEATURES
* 120 Volt VCEO
* Gain of 2K at IC=1 Amp
*Ptot= 1 Watt
APPLICATIONS
* Lamp, solenoid and relay drivers
* Replacement of TO126 and TO220 packages
REFER TO ZTX605 FOR GRAPHS
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
140
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
10
V
Peak Pulse Current
ICM
4A
Continuous Collector Current
IC
1A
Power Dissipation at Tamb = 25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
140
V
IC=100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
120
V
IC=10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
10
V
IE=100µA, IC=0
Collector Cut-Off
Current
ICBO
0.01
10
µ
A
µ
A
VCB=120V, IE=0
VCB=120V,Tamb=100°C
Emitter Cut-Off Current IEBO
0.1
µ
A
VEB=8V, IC=0
Colllector-Emitter
Cut-Off Current
ICES
10
µ
A
VCES=120V
Collector-Emitter
Saturation Voltage
VCE(sat)
1.0
1.5
V
V
IC=0.25A, IB=0.25mA*
IC=1A, IB=1mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.8
V
IC=1A, IB=1mA*
Base-Emitter
Turn-On Voltage
VBE(on)
1.7
V
IC=1A, VCE=5V*
Static Forward Current
Transfer Ratio
hFE
2000
5000
2000
500
100K
IC=50mA, VCE=5V*
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
IC=2A, VCE=5V*
Transition
Frequency
fT
150
MHz
IC=100mA, VCE=10V
f=20MHz
* Measured under pulse conditions. Pulse width=300µs. Duty cycle ≤2%
E-Line
TO92 Compatible
FXT605
3-44
B
C
E


유사한 부품 번호 - FXT605

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FXT601B ZETEX-FXT601B Datasheet
37Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FXT603 ZETEX-FXT603 Datasheet
29Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
More results

유사한 설명 - FXT605

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FZT600 ZETEX-FZT600 Datasheet
100Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FXT603 ZETEX-FXT603 Datasheet
29Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
BC372 ZETEX-BC372 Datasheet
478Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
ZTX614 DIODES-ZTX614 Datasheet
45Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
FMMT614 ZETEX-FMMT614 Datasheet
148Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
ZTX614 ZETEX-ZTX614 Datasheet
33Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FXT614 ZETEX-FXT614 Datasheet
29Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
ZTX614 DIODES-ZTX614_15 Datasheet
45Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
FXT601B ZETEX-FXT601B Datasheet
37Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FXT38C ZETEX-FXT38C Datasheet
29Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FZT603 ZETEX-FZT603 Datasheet
122Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com