전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCVF2505DG4 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCVF2505DG4
상세설명  3.3-V Clock Phase-Lock Loop Clock Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2505DG4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CDCVF2505DG4 Datasheet HTML 3Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 4Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 5Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 6Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 7Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 8Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 9Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 10Page - Texas Instruments CDCVF2505DG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
t
c1
t
c2
t
=t
– t
c(jit_CC)
c1
c2
T0264-01
t
sk(o)
Any Y
Any Y
50%V
DD
50%V
DD
T0263-01
50%V
DD
t
pd
CLKIN
1Y0–1Y3
2V
0.4V
50%V
DD
2V
0.4V
t
r
t
f
3V
0V
V
OH
V
OL
T0262-01
500 W
Yn=25pF||500 W
CLKOUT =12pF||500 W
FromOutput Under Test
S0283-01
7
CDCVF2505
www.ti.com
SCAS640G – JULY 2000 – REVISED AUGUST 2016
Product Folder Links: CDCVF2505
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
8 Parameter Measurement Information
Figure 5. Test Load Circuit
Figure 6. Voltage Threshold for Measurements, Propagation Delay (Tpd)
Figure 7. Output Skew
Figure 8. Cycle-to-Cycle Jitter


유사한 부품 번호 - CDCVF2505DG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCVF2505DG4 TI-CDCVF2505DG4 Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505DG4 TI1-CDCVF2505DG4 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results

유사한 설명 - CDCVF2505DG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505_10 Datasheet
369Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com