전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4621 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 1N4621
상세설명  Consolidated shipping options
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N4621 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  1N4621 Datasheet HTML 1Page - Central Semiconductor Corp 1N4621 Datasheet HTML 2Page - Central Semiconductor Corp 1N4621 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4614 THRU 1N4627
SILICON ZENER DIODE
LOW NOISE
1.8 VOLT THRU 6.2 VOLT
250mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1N4614 series
silicon Zener diode is designed for low leakage, low
current, and low noise applications. Higher voltage
devices are available in the 1N4099 series.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.0V MAX @ IF=200mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
NOISE
DENSITY
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
IZM
ND @ 250μA
V
V
V
μA
Ω
μA
V
mA
μV/ Hz
1N4614
1.710
1.8
1.890
250
1200
7.5
1.0
120
1.0
1N4615
1.900
2.0
2.100
250
1250
5.0
1.0
110
1.0
1N4616
2.090
2.2
2.310
250
1300
4.0
1.0
100
1.0
1N4617
2.280
2.4
2.520
250
1400
2.0
1.0
95
1.0
1N4618
2.565
2.7
2.835
250
1500
1.0
1.0
90
1.0
1N4619
2.850
3.0
3.150
250
1600
0.8
1.0
85
1.0
1N4620
3.135
3.3
3.465
250
1650
7.5
1.5
80
1.0
1N4621
3.420
3.6
3.780
250
1700
7.5
2.0
75
1.0
1N4622
3.705
3.9
4.095
250
1650
5.0
2.0
70
1.0
1N4623
4.085
4.3
4.515
250
1600
4.0
2.0
65
1.0
1N4624
4.465
4.7
4.935
250
1550
10
3.0
60
1.0
1N4625
4.845
5.1
5.355
250
1500
10
3.0
55
2.0
1N4626
5.320
5.6
5.880
250
1400
10
4.0
50
4.0
1N4627
5.890
6.2
6.510
250
1200
10
5.0
45
5.0
MARKING: FULL PART NUMBER
DO-35 CASE
R3 (1-May 2013)
www.centr a lsemi.com


유사한 부품 번호 - 1N4621

제조업체부품명데이터시트상세설명
logo
Compensated Deuices Inc...
1N4621 CDI-DIODE-1N4621 Datasheet
112Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Silicon Supplies
1N4621 SS-1N4621 Datasheet
308Kb / 3P
   Bare Die Zener Diode
logo
Knox Semiconductor, Inc
1N4621 KNOX-1N4621 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4621 MICROSEMI-1N4621 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4621 MICROSEMI-1N4621 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

유사한 설명 - 1N4621

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
1N4099 CENTRAL-1N4099 Datasheet
433Kb / 3P
   Consolidated shipping options
CBR1 CENTRAL-CBR1 Datasheet
664Kb / 3P
   Consolidated shipping options
logo
Tripp Lite. All Rights ...
SRCASE4U TRIPPLITE-SRCASE4U Datasheet
171Kb / 2P
   4U ABS Server Rack Equipment Shipping Case
SRCASE6U TRIPPLITE-SRCASE6U Datasheet
181Kb / 2P
   6U ABS Server Rack Equipment Shipping Case
SRCASE2U TRIPPLITE-SRCASE2U Datasheet
164Kb / 2P
   2U ABS Server Rack Equipment Shipping Case
SRCASE10U TRIPPLITE-SRCASE10U Datasheet
198Kb / 2P
   10U ABS Server Rack Equipment Shipping Case
logo
Artesyn Technologies
LDS70 ARTESYN-LDS70 Datasheet
973Kb / 3P
   Dimming options
LDS150 ARTESYN-LDS150 Datasheet
1,019Kb / 3P
   Dimming options
LDS100 ARTESYN-LDS100 Datasheet
998Kb / 3P
   Dimming options
logo
Littelfuse
K1500GRP LITTELFUSE-K1500GRP Datasheet
306Kb / 8P
   Packing Options
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com