전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5223B 데이터시트(PDF) 3 Page - Central Semiconductor Corp

부품명 1N5223B
상세설명  Zener Diode Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N5223B 데이터시트(HTML) 3 Page - Central Semiconductor Corp

  1N5223B Datasheet HTML 1Page - Central Semiconductor Corp 1N5223B Datasheet HTML 2Page - Central Semiconductor Corp 1N5223B Datasheet HTML 3Page - Central Semiconductor Corp 1N5223B Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPZ28X
Typical Electrical Characteristics
R0 (23-March 2015)
www.centr a lsemi.
com


유사한 부품 번호 - 1N5223B

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N5223B VISHAY-1N5223B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5223B MCC-1N5223B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5223B VISHAY-1N5223B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Fairchild Semiconductor
1N5223B FAIRCHILD-1N5223B Datasheet
193Kb / 4P
   Zeners
logo
Yea Shin Technology Co....
1N5223B YEASHIN-1N5223B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - 1N5223B

제조업체부품명데이터시트상세설명
logo
Silicon Supplies
1N4617 SS-1N4617 Datasheet
308Kb / 3P
   Bare Die Zener Diode
logo
First Silicon Co., Ltd
BZX84C2V4 FS-BZX84C2V4 Datasheet
539Kb / 4P
   ZENER DIODE Planar Die Construction
logo
Central Semiconductor C...
CPZ18-BZX55C3V3 CENTRAL-CPZ18-BZX55C3V3 Datasheet
547Kb / 5P
   Zener Diode Die 500mW, 3.3 THRU 6.2 VOLT
R1 25-August 2017
logo
Silicon Supplies
BZX55C10 SS-BZX55C10 Datasheet
313Kb / 3P
   Silicon P lanar Zener diode in bare die form
BZX55C2V4 SS-BZX55C2V4 Datasheet
276Kb / 3P
   Silicon Planar Zener diode in bare die form ??5% tolerance
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
ABB
5SLX12K1711 ABB-5SLX12K1711 Datasheet
54Kb / 3P
   Fast-Diode Die
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
ABB
5SLX12M3301 ABB-5SLX12M3301 Datasheet
54Kb / 3P
   Fast-Diode Die
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com