전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G3157DRLRG4 데이터시트(PDF) 9 Page - Texas Instruments

부품명 74LVC1G3157DRLRG4
상세설명  Single-Pole Double-Throw Analog Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G3157DRLRG4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button 74LVC1G3157DRLRG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 9Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 10Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 11Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 12Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
0
20
40
60
80
100
120
0
1
2
3
4
5
VCC = 1.65 V
VCC = 2.3 V
VCC = 3 V
VCC = 4.5 V
VI - V
9
SN74LVC1G3157
www.ti.com
SCES424L – JANUARY 2003 – REVISED MAY 2017
Product Folder Links: SN74LVC1G3157
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
(1)
tpd is the slower of tPLH or tPHL. The propagation delay is calculated RC time constant of the typical ON-state resistance of the switch
and the specified load capacitance when driven by an ideal voltage source (zero output impedance).
(2)
ten is the slower of tPZL or tPZH.
(3)
tdis is the slower of tPLZ or tPHZ.
6.7 Switching Characteristics 85°C
TA = –40 to +85°C (see Figure 5 and )Figure 11
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
(1)
A or Bn
Bn or A
2
1.2
0.8
0.3
ns
ten
(2)
S
Bn
7
24
3.5
14
2.5
7.6
1.7
5.7
ns
tdis
(3)
3
13
2
7.5
1.5
5.3
0.8
3.8
tB-M
0.5
0.5
0.5
0.5
ns
(1)
tpd is the slower of tPLH or tPHL. The propagation delay is calculated RC time constant of the typical ON-state resistance of the switch
and the specified load capacitance when driven by an ideal voltage source (zero output impedance).
(2)
ten is the slower of tPZL or tPZH.
(3)
tdis is the slower of tPLZ or tPHZ.
6.8 Switching Characteristics 125°C
TA = –40 to +125°C (see Figure 5 and Figure 11)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
(1)
A or Bn
Bn or A
2
1.2
0.8
0.5
ns
ten
(2)
S
Bn
1
24.5
1
14.5
2.5
8
1.7
6
ns
tdis
(3)
2.5
13.5
2
8
1.5
5.5
0.8
4
tB-M
0.5
0.5
0.5
0.5
ns
6.9 Typical Characteristics
Figure 1. Typical ron as a Function of Input Voltage (VI) for VI = 0 to VCC


유사한 부품 번호 - 74LVC1G3157DRLRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVC1G3157DRLRG4 TI-74LVC1G3157DRLRG4 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
74LVC1G3157DRLRG4 TI-74LVC1G3157DRLRG4 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
74LVC1G3157DRLRG4 TI1-74LVC1G3157DRLRG4 Datasheet
1Mb / 35P
[Old version datasheet]   SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
More results

유사한 설명 - 74LVC1G3157DRLRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157 UTC-U74LVC1G3157_17 Datasheet
153Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_14 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com