전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4001 데이터시트(PDF) 1 Page - HY ELECTRONIC CORP.

부품명 1N4001
상세설명  PLASTIC SILICON RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HY [HY ELECTRONIC CORP.]
홈페이지  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

1N4001 데이터시트(HTML) 1 Page - HY ELECTRONIC CORP.

  1N4001_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. 1N4001_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. 1N4001_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Low cost
Diffused junction
Low forward voltage drop
Low reverse leakage current
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic
Polarity: Color band denotes cathode
Weight: 0.012 ounces , 0.34 grams
Mounting position :Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=75 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage at 1.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
3.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 13-Mar-2017
1N4001 thru 1N4007
IFSM
A
I(AV)
1.0
A
30
REVERSE VOLTAGE
- 50
to 1000 Volts
FORWARD CURRENT - 1.0 Ampere
2.Thermal resistance junction to case
IR
50
5.0
μA
15
26
-55 to +150
PLASTIC SILICON RECTIFIERS
1.0
-55 to +150
NOTE:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
DO- 41
.107(2.7)
.080(2.0)
.034(0.9)
.028(0.7)
DIA
DIA
.205(5.2)
.165(4.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.


유사한 부품 번호 - 1N4001_17

제조업체부품명데이터시트상세설명
logo
Formosa MS
1N4001 FORMOSA-1N4001_17 Datasheet
106Kb / 6P
   Axial Leaded General Purpose Rectifiers
logo
Shenzhen Luguang Electr...
1N4001 LUGUANG-1N4001_17 Datasheet
1Mb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Yangzhou yangjie electr...
1N4001 YANGJIE-1N4001_17 Datasheet
207Kb / 4P
   General Purpose Rectifier
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_17 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
More results

유사한 설명 - 1N4001_17

제조업체부품명데이터시트상세설명
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com