전자부품 데이터시트 검색엔진 |
|
935C2W3K-F 데이터시트(PDF) 1 Page - Cornell Dubilier Electronics |
|
935C2W3K-F 데이터시트(HTML) 1 Page - Cornell Dubilier Electronics |
1 / 5 page 1 L 1.5 mm 41 mm Min 41 mm Min d D Max L 1.98 mm L1 1.57 mm 7.93 mm Min 9.144 1.3 mm 3.96 1.3 mm D Max 0.8 0.05 mm Type 935C, Polypropylene Capacitors for High Frequency Filtering High Current Capacitors for Switching Power Supplies Type 935 metallized polypropylene capacitors are designed for filtering applications in switching power supplies that operate in the 20-100 kHz range. Their low ESR, high current and high capacitance gives them an advantage over general purpose types. This series is UL recognized for construction only under UL File Number E128034(N). Highlights - Low ESR - High current - High capacitance - Self healing - UL recognized - Available with lugs Specifications Dimensions Construction Details Case Material UL510 Polyester Tape Wrap Resin Material UL94V-0 Epoxy Fill Terminal Material Tin Plated Copper CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 Capacitance Range 1.0 to 30.0 µF Capacitance Tolerance ±10 % (K) Standard; ±5% (J) Optional Rated Voltage 100 to 400 Vdc (70 to 250 Vac, 60 Hz) Operating Temperature Range –55 ºC to 105 ºC* *Full rated voltage at 85 ºC - derated linearly to 50% rated at 105 ºC Maximum rms Current Check tables for values Insulation Resistance 200,000 MΩ x µF Test Voltage between Terminals @ 25 ºC 200% rated DC voltage for 60 s Test Voltage between Terminals & Case @ 25 ºC 3 kVac @ 50/60 Hz for 60 s Life Test 1,000 h @ 85 ºC, 150% rated DC voltage Life Expectancy 60,000 h @ rated Vdc, 70 ºC 30,000 h @ rated Vac, 70 ºC RoHS Compliant Construction Diagram 3.96 |
유사한 부품 번호 - 935C2W3K-F |
|
유사한 설명 - 935C2W3K-F |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |