전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCA 데이터시트(PDF) 2 Page - Cornell Dubilier Electronics

부품명 FCA
상세설명  Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDE [Cornell Dubilier Electronics]
홈페이지  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCA 데이터시트(HTML) 2 Page - Cornell Dubilier Electronics

  FCA Datasheet HTML 1Page - Cornell Dubilier Electronics FCA Datasheet HTML 2Page - Cornell Dubilier Electronics FCA Datasheet HTML 3Page - Cornell Dubilier Electronics FCA Datasheet HTML 4Page - Cornell Dubilier Electronics FCA Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Type FCA Acrylic Surface Mount Film Capacitors
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Ratings
Specifications
Moisture Resistance:
After 500 hours with rated voltage applied at +40 ºC and
90 to 95% RH, the capacitor will meet the following limits:
C = +20/–3% of the initial measured value
DF 2.25% (at 1 kHz)
IR > 100MΩ (C 0.33 µF)
IR > 30MΩµF(C > 0.33 µF)
Dielectric Strength: Capacitor will withstand 130%
of the rated voltage for 1 minute.
Life Test:
Apply 125% of the rated DC working voltage at 85 ºC
for 1000 hours, and then stabilize them to +20 ºC.
Capacitors will meet the following limits:
C = +7%/–20% of the initial measured value
DF 1.65% (at 1 kHz)
IR > 300MΩ (C 0.33 µF)
IR > 100MΩ
µF(C > 0.33 µF)
Outline Drawing
Outline Dimensions
Part Number
Case
Inches
Millmeters
Suffix
Code
L
W
H
S
L
W
H
S
(±.008in.) (±.008in.) (±.008in.) (±.012in.) (±0.2mm) (±0.2mm) (±0.2mm) (±0.3mm)
J2
0805
0.079
0.049
0.039
0.018
2.0
1.25
1.0
0.45
H1
1206
0.126
0.063
0.032
0.026
3.2
1.60
0.8
0.65
H2
1206
0.126
0.063
0.039
0.026
3.2
1.60
1.0
0.65
H3
1206
0.126
0.063
0.055
0.026
3.2
1.60
1.4
0.65
G2
1210
0.126
0.098
0.055
0.026
3.2
2.50
1.4
0.65
Catalog Part
Maximum Current
Capacitance
Number
dv/dt 10kHz
20kHz
50kHz
100kHz 200kHz 500kHz
1MHz
(µF)
(V/µs) (Arms) (Arms)
(Arms)
(Arms)
(Arms)
(Arms)
(Arms)
10 Vdc
1.00
FCA1206A105M-H3
3
0.60
0.76
1.05
1.220
1.35
1.43
1.43
16 Vdc
.10
FCA0805C104M-J2
19
0.15
0.21
0.3
0.375
0.46
0.58
0.65
.15
FCA1206C154M-H1
15
0.21
0.28
0.37
0.450
0.54
0.62
0.68
.22
FCA1206C224M-H1
13
0.25
0.33
0.45
0.550
0.66
0.76
0.84
.33
FCA1206C334M-H2
10
0.35
0.45
0.61
0.740
0.84
0.94
1.00
.47
FCA1206C474M-H3
7
0.39
0.52
0.71
0.860
1.00
1.10
1.17
.68
FCA1206C684M-H3
5
0.48
0.625
0.85
1.040
1.19
1.31
1.34
1.00
FCA1210C105M-G2
3
0.60
0.78
1.05
1.250
1.38
1.46
1.46


유사한 부품 번호 - FCA

제조업체부품명데이터시트상세설명
logo
M-System Co.,Ltd.
FCA MSYSTEM-FCA Datasheet
104Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FCA-10-K MSYSTEM-FCA-10-K Datasheet
104Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FCA-10-K/Q MSYSTEM-FCA-10-K/Q Datasheet
104Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FCA-10-L MSYSTEM-FCA-10-L Datasheet
104Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FCA-10-L/Q MSYSTEM-FCA-10-L/Q Datasheet
104Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

유사한 설명 - FCA

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
930 CDE-930_15 Datasheet
143Kb / 5P
   Metallized Polypropylene Capacitors for DC Filtering
944U101K801AA CDE-944U101K801AA Datasheet
471Kb / 4P
   Polypropylene Film Capacitors for DC Filtering
FCA1206A105M-H3 CDE-FCA1206A105M-H3 Datasheet
217Kb / 5P
   Acrylic Surface Mount Film Capacitors
logo
NIC-Components Corp.
NSPH NIC-NSPH Datasheet
508Kb / 6P
   Multilayer Acrylic Polymer Film Capacitors
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Vishay Siliconix
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
logo
Panasonic Semiconductor
ECQ-V1H105JL2 PANASONIC-ECQ-V1H105JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com