전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P-U92-A2X0-1X0X-XX 데이터시트(PDF) 4 Page - Amphenol Corporation

부품명 P-U92-A2X0-1X0X-XX
상세설명  8X MINI SAS HD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U92-A2X0-1X0X-XX 데이터시트(HTML) 4 Page - Amphenol Corporation

  P-U92-A2X0-1X0X-XX Datasheet HTML 1Page - Amphenol Corporation P-U92-A2X0-1X0X-XX Datasheet HTML 2Page - Amphenol Corporation P-U92-A2X0-1X0X-XX Datasheet HTML 3Page - Amphenol Corporation P-U92-A2X0-1X0X-XX Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7.57
NOTES:
1) MATERIAL
MAIN CAGE: PHOSPHOR BRONZE WITH NICKEL PLATING
MOUNTING SCREW: AISI 1010 STEEL
CONNECTOR HOUSING: LCP
CONTACTS: PHOSPHOR BRONZE, FOR PLATING INFO. SEE SHEET ONE
LIGHT PIPE: GE LEXAN, OPTICAL GRADE
HEAT SINK: ALUMINIUM
2) CONNECTOR AND CAGE ASSEMBLY ARE RoHS COMPLIANT
RECOMMENDED PANEL CUTOUT
FOR SINGLE LEVEL MOUNTING
D
C
B
A
B
C
D
1
2
3
4
5
6
7
8
8
76
5
4
3
2
1
E
F
E
F
SHEET 4 OF 4
L
UNLESS OTHERWISE SPECIFIED:
SCALE: 1:1
REV
DWG. NO.
SIZE
ME APPR.
QA APPR.
CHECKED
DRAWN
TOLERANCES ARE:
A
DO NOT SCALE DRAWING
Amphenol High Speed Interconnects
A Division of Amphenol Corp. www.amphenol-highspeed.com
DWG APPR.
DIMENSIONS ARE IN MILLIMETERS
ENG. REL. NO.
DECIMALS
.X 0.2
.XX 0.1
ANGLES
X
X.X
0.5°
NSCM:
PROJECT:
APPROVAL
DATE
DESCRIPTION
APPROVED
DATE
REV.
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES
WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-U92-A2X0-1X0X-XX
8X MINI SAS HD
CAGE AND CONNECTOR
2 PORT ASSEMBLY WITH
HEAT SINK OPTION
ZLJ
K.SOBEL
A.G.
FEB 09/10
APR 28/10
FEB 09/10
HD
L
SEE SHEET ONE
MAY 15/12
ZLJ
A1
DETAIL VIEW
SCALE 8 : 1
WITH PIN NUMBERS SHOWN
D9
D1
C9
C1
B9
B1
A9
EMI FINGERS
SCALE 12 : 1
DETAIL L
PCB
BOTTOM EDGE
OF PANEL OPENING
0.38±0.05
PCB
(CUSTOMER SUPPLIED)
CAGE
EMI FINGERS
FRONT PANEL
(CUSTOMER SUPPLIED)
DUST COVERS
HEAT SINKS
HEAT SINK CLIPS
L
19.22
3.7
16.54 REF.
NOT MATED
25
12.07
12.5
50
22.9
25
CONNECTOR


유사한 부품 번호 - P-U92-A2X0-1X0X-XX

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
P-U92-A1X0-1X0X-XX AMPHENOL-P-U92-A1X0-1X0X-XX Datasheet
286Kb / 4P
   4X MIN SAS HD
P-U92-A410-1X01-XX AMPHENOL-P-U92-A410-1X01-XX Datasheet
267Kb / 4P
   16X MINI SAS HD
More results

유사한 설명 - P-U92-A2X0-1X0X-XX

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
P-U92-A410-1X01-XX AMPHENOL-P-U92-A410-1X01-XX Datasheet
267Kb / 4P
   16X MINI SAS HD
logo
TE Connectivity Ltd
408-10466 TEC-408-10466 Datasheet
108Kb / 2P
   HD Mini-SAS Removal Tools
logo
FCI connector
10112626-101LF FCI-CONNECTOR-10112626-101LF Datasheet
1,017Kb / 3P
   Mini-SAS HD Next generation SAS storage interface
logo
TE Connectivity Ltd
408-32028 TEC-408-32028 Datasheet
84Kb / 4P
   Mini-SAS HD Seating Tool Kit
logo
Molex Electronics Ltd.
1002200100 MOLEX-1002200100 Datasheet
864Kb / 5P
   8X HD LEFT EXIT TO 8X HD 100 OHM
2018/08/28
1002205101 MOLEX-1002205101 Datasheet
1Mb / 5P
   8X HD RIGHT EXIT TO 8X HD 100 OHM
2018/08/28
logo
TE Connectivity Ltd
108-152051 TEC-108-152051 Datasheet
85Kb / 5P
   External Mini-SAS HD Cable Assembly System
logo
Molex Electronics Ltd.
1002260100 MOLEX-1002260100 Datasheet
1Mb / 7P
   MINISAS HD 8X LEFT EXIT TO MINISAS HD 8X 85 OHM
2019/07/29
1110771001 MOLEX-1110771001 Datasheet
255Kb / 3P
   MINISAS 8X HD TO MINISAS 8X HD 12GB EXT PASSIVE CBL ASSY
2013/07/03
1002260101 MOLEX-1002260101 Datasheet
214Kb / 2P
   MINISAS HD 8X LEFT EXIT TO MINISAS HD 8X 85 OHM
2014/04/30
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com