전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC476020WSG-F 데이터시트(PDF) 3 Page - Cornell Dubilier Electronics

부품명 TDC476020WSG-F
상세설명  Dipped, Radial Leaded, Solid Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDE [Cornell Dubilier Electronics]
홈페이지  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TDC476020WSG-F 데이터시트(HTML) 3 Page - Cornell Dubilier Electronics

  TDC476020WSG-F Datasheet HTML 1Page - Cornell Dubilier Electronics TDC476020WSG-F Datasheet HTML 2Page - Cornell Dubilier Electronics TDC476020WSG-F Datasheet HTML 3Page - Cornell Dubilier Electronics TDC476020WSG-F Datasheet HTML 4Page - Cornell Dubilier Electronics TDC476020WSG-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Type TDC Solid Tantalum Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 •
www.cde.com
* Indicates capacitance tolerance: K = ±10%, M = ±20%, (J = ±5%, Special Order)
CDE reserves the right to substitute a tighter tolerance, higher voltage capacitor within the same case size.
Dimensions - Inches (Millimeters)
Case
Leads
Code
D (Max.)
H (Max.)
S
Code
E
.175 (4.45) .350 (8.89) .125 (3.17) (Standard)
N
.250 (6.35) (Special)
W
F
.250 (6.35) .500 (12.7) .125 (3.17) (Standard)
N
.250 (6.35) (Special)
W
G
.350 (8.89) .650 (16.51) .250 (6.35) (Special)
W
Max.
Max. DF
Max.
Max. DF
Catalog
Case
Lead
DCL
@ +25 ºC
Catalog
Case
Lead
DCL
@ +25 ºC
Cap
Part Number
Code Spacing @ +25 ºC 120 Hz
Cap
Part Number
Code Spacing @ +25 ºC 120 Hz
(µF)
(S)
(µA)
(%)
(µF)
(S)
(µA)
(%)
16 WVdc; 20 Vdc Surge @ 85 ºC
20 WVdc; 26 Vdc Surge @ 85 ºC
10 WVdc; 12 Vdc Surge @ 125 ºC
13 WVdc; 16 Vdc Surge @ 125 ºC
1.5
TDC155*016NSE-F
E
0.125
0.5
5
8.2
TDC825*020NSF-F
F
0.125
1.3
6
1.8
TDC185*016NSE-F
E
0.125
0.5
5
10
TDC106*020NSF-F
F
0.125
1.6
6
2.2
TDC225*016NSE-F
E
0.125
0.5
5
12
TDC126*020NSF-F
F
0.125
1.9
6
2.7
TDC275*016NSE-F
E
0.125
0.5
5
15
TDC156*020NSF-F
F
0.125
2.4
6
3.3
TDC335*016NSE-F
E
0.125
0.5
5
18
TDC186*020NSF-F
F
0.125
2.9
6
3.9
TDC395*016NSE-F
E
0.125
0.5
5
22
TDC226*020NSF-F
F
0.125
3.5
6
4.7
TDC475*016NSE-F
E
0.125
0.6
5
33
TDC336*020WSG-F
G
0.25
5.3
6
5.6
TDC565*016NSE-F
E
0.125
0.7
5
39
TDC396*020WSG-F
G
0.25
6.2
6
6.8
TDC685*016NSE-F
E
0.125
0.9
5
47
TDC476*020WSG-F
G
0.25
7.5
6
8.2
TDC825*016NSE-F
E
0.125
1.0
6
56
TDC566*020WSG-F
G
0.25
9.0
6
10
TDC106*016NSF-F
F
0.125
1.3
6
68
TDC686*020WSG-F
G
0.25
10.0
6
12
TDC126*016NSF-F
F
0.125
1.5
6
82
TDC826*020WSG-F
G
0.25
10.0
8
15
TDC156*016NSF-F
F
0.125
1.8
6
100
TDC107*020WSG-F
G
0.25
10.0
8
18
TDC186*016NSF-F
F
0.125
2.2
6
25 WVdc; 32 Vdc Surge @ 85 ºC
22
TDC226*016NSF-F
F
0.125
2.6
6
17 WVdc; 22 Vdc Surge @ 125 ºC
27
TDC276*016NSF-F
F
0.125
3.2
6
1.0
TDC105*025NSE-F
E
0.125
0.50
3
33
TDC336*016NSF-F
F
0.125
4.0
6
1.2
TDC125*025NSE-F
E
0.125
0.50
5
39
TDC396*016WSG-F
G
0.25
4.7
6
1.5
TDC155*025NSE-F
E
0.125
0.50
5
47
TDC476*016WSG-F
G
0.25
5.6
6
1.8
TDC185*025NSE-F
E
0.125
0.50
5
56
TDC566*016WSG-F
G
0.25
6.8
6
2.2
TDC225*025NSE-F
E
0.125
0.50
5
68
TDC686*016WSG-F
G
0.25
8.2
6
2.7
TDC275*025NSE-F
E
0.125
0.50
5
82
TDC826*016WSG-F
G
0.25
9.8
8
3.3
TDC335*025NSE-F
E
0.125
0.70
5
100
TDC107*016WSG-F
G
0.25
10.0
8
3.9
TDC395*025NSE-F
E
0.125
0.80
5
120
TDC127*016WSG-F
G
0.25
10.0
8
4.7
TDC475*025NSF-F
F
0.125
0.90
5
150
TDC157*016WSG-F
G
0.25
10.0
8
5.6
TDC565*025NSF-F
F
0.125
1.10
5
20 WVdc; 26 Vdc Surge @ 85 ºC
6.8
TDC685*025NSF-F
F
0.125
1.40
5
13 WVdc; 16 Vdc Surge @ 125 ºC
8.2
TDC825*025NSF-F
F
0.125
1.60
6
1.0
TDC105*020NSE-F
E
0.125
0.5
3
10
TDC106*025NSF--F
F
0.125
2.0
6
1.2
TDC125*020NSE-F
E
0.125
0.5
5
12
TDC126*025NSF-F
F
0.125
2.4
6
1.5
TDC155*020NSE-F
E
0.125
0.5
5
15
TDC156*025NSF-F
F
0.125
3.0
6
1.8
TDC185*020NSE-F
E
0.125
0.5
5
18
TDC186*025NSF-F
F
0.125
3.6
6
2.2
TDC225*020NSE-F
E
0.125
0.5
5
22
TDC226*025NSF-F
F
0.125
4.4
6
2.7
TDC275*020NSE-F
E
0.125
0.5
5
27
TDC276*025WSG-F
G
0.250
5.4
6
3.3
TDC335*020NSE-F
E
0.125
0.5
5
33
TDC336*025WSG-F
G
0.250
6.6
6
3.9
TDC395*020NSE-F
E
0.125
0.6
5
39
TDC396*025WSG-F
G
0.250
7.8
6
4.7
TDC475*020NSE-F
E
0.125
0.8
5
47
TDC476*025WSG-F
G
0.250
9.4
6
5.6
TDC565*020NSF-F
F
0.125
0.9
5
56
TDC566*025WSG-F
G
0.250
10.0
6
6.8
TDC685*020NSF-F
F
0.125
1.1
5
68
TDC686*025WSG-F
G
0.250
10.0
6
Ratings


유사한 부품 번호 - TDC476020WSG-F

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
TDC476020WSG-F CDE-TDC476020WSG-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results

유사한 설명 - TDC476020WSG-F

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
logo
MERITEK ELECTRONICS COR...
DT MERITEK-DT Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
DT100M0161 MERITEK-DT100M0161 Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
logo
RFE international
CB105M1ABR5 RFE-CB105M1ABR5 Datasheet
514Kb / 2P
   LEADED TANTALUM CAPACITOR CB Series: Resin Dipped, Radial Leaded
2020.02.25
logo
AVX Corporation
TAP107K020CRW AVX-TAP107K020CRW Datasheet
141Kb / 4P
   SOLID TANTALUM RESIN DIPPED CAPACITORS
logo
NIC-Components Corp.
NDTM NIC-NDTM Datasheet
214Kb / 3P
   Resin Dipped, Solid Tantalum Capacitors
logo
Cornell Dubilier Electr...
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com