전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDC185020NSE-F 데이터시트(PDF) 2 Page - Cornell Dubilier Electronics

부품명 TDC185020NSE-F
상세설명  Dipped, Radial Leaded, Solid Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDE [Cornell Dubilier Electronics]
홈페이지  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TDC185020NSE-F 데이터시트(HTML) 2 Page - Cornell Dubilier Electronics

  TDC185020NSE-F Datasheet HTML 1Page - Cornell Dubilier Electronics TDC185020NSE-F Datasheet HTML 2Page - Cornell Dubilier Electronics TDC185020NSE-F Datasheet HTML 3Page - Cornell Dubilier Electronics TDC185020NSE-F Datasheet HTML 4Page - Cornell Dubilier Electronics TDC185020NSE-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 •
www.cde.com
Type TDC Solid Tantalum Capacitors
Capacitor Outline Drawing
Ratings
* Indicates capacitance tolerance: K = ±10%, M = ±20%, (J = ±5%, Special Order)
CDE reserves the right to substitute a tighter tolerance, higher voltage capacitor within the same case size.
Dimensions - Inches (Millimeters)
Case
Leads
Code
D (Max.)
H (Max.)
S
Code
E
.175 (4.45) .350 (8.89) .125 (3.17) (Standard)
N
.250 (6.35) (Special)
W
F
.250 (6.35) .500 (12.7) .125 (3.17) (Standard)
N
.250 (6.35) (Special)
W
G
.350 (8.89) .650 (16.51) .250 (6.35) (Special)
W
.250 ±.025
(6.35 ±.64
D
Max
H
Max
H
Max
D
Max
.
187 ±.032
(4.75 ±.81)
.
187 ±.032
(4.75 ±.81)
S
S
.020
(.51)
+
+
.020
(.51)
E and F Case Codes:
Lead Spacing = .125 ±.025
(3.17 ±.64)
G Case Code:
Lead Spacing = .250 ±.025
(6.34 ±.64)
Max.
Max. DF
Max.
Max. DF
Catalog
Case
Lead
DCL
@ +25 ºC
Catalog
Case
Lead
DCL
@ +25 ºC
Cap
Part Number
Code Spacing @ +25 ºC 120 Hz
Cap
Part Number
Code Spacing @ +25 ºC 120 Hz
(µF)
(S)
(µA)
(%)
(µF)
(S)
(µA)
(%)
6 WVdc; 8 Vdc Surge @ 85 ºC
10 WVdc; 13 Vdc Surge @ 85 ºC
4 WVdc; 5 Vdc Surge @ 125 ºC
7 WVdc; 9 Vdc Surge @ 125 ºC
3.3
TDC335*006NSE-F
E
0.125
0.5
5
2.2
TDC225*010NSE-F
E
0.125
0.5
5
3.9
TDC395*006NSE-F
E
0.125
0.5
5
2.7
TDC275*010NSE-F
E
0.125
0.5
5
4.7
TDC475*006NSE-F
E
0.125
0.5
5
3.3
TDC335*010NSE-F
E
0.125
0.5
5
5.6
TDC565*006NSE-F
E
0.125
0.5
5
3.9
TDC395*010NSE-F
E
0.125
0.5
5
6.8
TDC685*006NSE-F
E
0.125
0.5
5
4.7
TDC475*010NSE-F
E
0.125
0.5
5
8.2
TDC825*006NSE-F
E
0.125
0.5
6
5.6
TDC565*010NSE-F
E
0.125
0.5
5
10
TDC106*006NSE-F
E
0.125
0.5
6
6.8
TDC685*010NSE-F
E
0.125
0.5
5
12
TDC126*006NSE-F
E
0.125
0.6
6
8.2
TDC825*010NSE-F
E
0.125
0.7
6
15
TDC156*006NSF-F
F
0.125
0.7
6
10
TDC106*010NSF-F
F
0.125
0.8
6
18
TDC186*006NSF-F
F
0.125
0.9
6
12
TDC126*010NSF-F
F
0.125
1.0
6
22
TDC226*006NSF-F
F
0.125
1.1
6
15
TDC156*010NSF-F
F
0.125
1.2
6
27
TDC276*006NSF-F
F
0.125
1.3
6
18
TDC186*010NSF-F
F
0.125
1.4
6
33
TDC336*006NSF-F
F
0.125
1.6
6
22
TDC226*010NSF-F
F
0.125
1.8
6
39
TDC396*006NSF-F
F
0.125
1.9
6
27
TDC276*010NSF-F
F
0.125
2.2
6
47
TDC476*006NSF-F
F
0.125
2.3
6
33
TDC336*010NSF-F
F
0.125
2.6
6
56
TDC566*006NSF-F
F
0.125
2.7
6
39
TDC396*010NSF-F
F
0.125
3.1
6
68
TDC686*006NSF-F
F
0.125
3.3
6
47
TDC476*010NSF-F
F
0.125
3.8
6
82
TDC826*006NSF-F
F
0.125
3.9
8
56
TDC566*010NSF-F
F
0.125
4.5
6
100
TDC107*006NSF-F
F
0.125
4.8
8
68
TDC686*010NSF-F
F
0.125
5.4
6
120
TDC127*006WSG-F
G
0.25
5.8
8
82
TDC826*010WSG-F
G
0.25
6.6
8
150
TDC157*006WSG-F
G
0.25
7.2
8
100
TDC107*010WSG-F
G
0.25
8.0
8
180
TDC187*006WSG-F
G
0.25
8.6
8
120
TDC127*010WSG-F
G
0.25
9.6
8
220
TDC227*006WSG-F
G
0.25
10
8
150
TDC157*010WSG-F
G
0.25
10.0
8
270
TDC277*006WSG-F
G
0.25
10
8
180
TDC187*010WSG-F
G
0.25
10.0
8
330
TDC337*006WSG-F
G
0.25
10
8
220
TDC227*010WSG-F
G
0.25
10.0
8


유사한 부품 번호 - TDC185020NSE-F

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
TDC185020NSE-F CDE-TDC185020NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results

유사한 설명 - TDC185020NSE-F

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
logo
MERITEK ELECTRONICS COR...
DT MERITEK-DT Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
DT100M0161 MERITEK-DT100M0161 Datasheet
223Kb / 2P
   Radial Leaded Tantalum Capacitors
logo
RFE international
CB105M1ABR5 RFE-CB105M1ABR5 Datasheet
514Kb / 2P
   LEADED TANTALUM CAPACITOR CB Series: Resin Dipped, Radial Leaded
2020.02.25
logo
AVX Corporation
TAP107K020CRW AVX-TAP107K020CRW Datasheet
141Kb / 4P
   SOLID TANTALUM RESIN DIPPED CAPACITORS
logo
NIC-Components Corp.
NDTM NIC-NDTM Datasheet
214Kb / 3P
   Resin Dipped, Solid Tantalum Capacitors
logo
Cornell Dubilier Electr...
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com