전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST75C176CN 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 ST75C176CN
상세설명  Low power RS-485/RS-422 transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C176CN 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button ST75C176CN Datasheet HTML 3Page - STMicroelectronics ST75C176CN Datasheet HTML 4Page - STMicroelectronics ST75C176CN Datasheet HTML 5Page - STMicroelectronics ST75C176CN Datasheet HTML 6Page - STMicroelectronics ST75C176CN Datasheet HTML 7Page - STMicroelectronics ST75C176CN Datasheet HTML 8Page - STMicroelectronics ST75C176CN Datasheet HTML 9Page - STMicroelectronics ST75C176CN Datasheet HTML 10Page - STMicroelectronics ST75C176CN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST75C176B - ST75C176C
7/17
1
All currents into device pins are positive; all cuts out of device pins are negative; all voltages
are referenced to device ground unless specified.
2
Supply current specification is valid for loaded transmitters when VDE = 0V
3
Applies to peak current. See typical operating characteristics.
Note:
1
All currents into device pins are positive; all cuts out of device pins are negative; all voltages
are referenced to device ground unless specified.
IOSD2
Driver short-circuit current,
VO=Low
VO = -7 to 12V (Note 3)
35
250
mA
IOSR
Receiver short-circuit
current
VO = 0V to VCC
795
mA
Table 6.
DC electrical characteristics (continued)
(VCC = 5 V ± 5 %, TA = TMIN to TMAX, unless otherwise specified. Typical values are referred
to TA = 25 °C) (See Note 1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 7.
Driver switching characteristics
(VCC = 5V ± 5%, TA = TMIN to TMAX, unless otherwise specified. Typical values are referred
to TA = 25°C) (See Note 1)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation delay input to
output
RDIFF = 54Ω, CL1 = CL2 = 100pF
(See Figure 4 and Figure 6)
10
30
60
ns
tSK
Output skew to output
RDIFF = 54Ω, CL1 = CL2 = 100pF
(See Figure 4 and Figure 6)
510
ns
tTLH
tTHL
Rise or fall time
RDIFF = 54Ω, CL1 = CL2 = 100pF
(See Figure 4 and Figure 6)
315
40
ns
tPZH
Output enable time
CL = 100pF, S2 = Closed
(See Figure 5 and Figure 7)
40
70
ns
tPZL
Output enable time
CL = 100pF, S1 = Closed
(See Figure 5 and Figure 7)
40
70
ns
tPLZ
Output disable time
CL = 15pF, S1 = Closed
(See Figure 5 and Figure 7)
40
70
ns
tPHZ
Output disable time
CL = 15pF, S2 = Closed
(See Figure 5 and Figure 7)
40
70
ns


유사한 부품 번호 - ST75C176CN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST75C176CN STMICROELECTRONICS-ST75C176CN Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
More results

유사한 설명 - ST75C176CN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com