전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA516BE13TR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STA516BE13TR
상세설명  500 W FFX digital amplifier power stage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA516BE13TR 데이터시트(HTML) 1 Page - STMicroelectronics

  STA516BE13TR Datasheet HTML 1Page - STMicroelectronics STA516BE13TR Datasheet HTML 2Page - STMicroelectronics STA516BE13TR Datasheet HTML 3Page - STMicroelectronics STA516BE13TR Datasheet HTML 4Page - STMicroelectronics STA516BE13TR Datasheet HTML 5Page - STMicroelectronics STA516BE13TR Datasheet HTML 6Page - STMicroelectronics STA516BE13TR Datasheet HTML 7Page - STMicroelectronics STA516BE13TR Datasheet HTML 8Page - STMicroelectronics STA516BE13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
STA516BE
500 W FFX digital amplifier power stage
Datasheet - production data
Features
Output Power at 56 V supply voltage
2 x 250 W at 10% THD + N into 6 Ω
BTL
2 x 200 W at 10%
THD + N into 8 Ω
BTL
4 x 130 W at 10% THD + N into 3 Ω SE
4 x 100 W at 10% THD + N into 4 Ω SE
1 x 480 W at 10% THD + N into 3 Ω
PBTL
1 x 380 W at 10% THD + N into 2 Ω
PBTL
Output Power at 52 V supply voltage
2 x 200 W at 10% THD + N into 6 Ω
BTL
4 x 100
W at 10% THD + N into 3 Ω SE
1 x 400 W at 10% THD + N into 2 Ω
PBTL
< 0.1% THD + N at 1 W
PSO-36 thermally enhanced package
Minimum input / output pulse width distortion
High efficiency power stage (> 90%) with
190
mΩ RdsON
CMOS compatible logic inputs
Integrated self protection circuits including
overtemperature, undervoltage, overvoltage,
overload, short-circuit
EMI compliant when used with
recommended system design
Automatic recovery mode after fault
conditions
Applications
Home theater
DVD receiver
Mini / Micro Audio systems
Description
STA516BE is a monolithic quad half-bridge stage
in Multipower BCD Technology. The device can
be used as dual bridge or reconfigured, by
connecting pin CONFIG to pins VDD, as a single
bridge with double-current capability or as a half
bridge (binary mode) with half-current capability.
A cost-effective, high fidelity audio system can be
designed using ST chipset, including a modulator
(e.g. STA309A or STA321) and the STA516BE.
This system only requires a simple passive LC
demodulation filter to deliver high-quality, high
efficiency audio amplification with prove EMI
compliance. The efficiency of this digital amplifier
is greater than 90% into 8 Ω speakers, enabling
the use of smaller power supplies and heatsinks.
The STA516BE has an innovative integrated
protection system, safeguarding the device
against different fault conditions that could
damage the overall system.
Table 1: Device summary
Part number
Temperature
range
Package
Packing
STA516BE13TR
0 to 90 °C
PowerSO36
EPU
Tape and
reel
April 2014
DocID026166 Rev 1
1/20
This is information on a product in full production.
www.st.com


유사한 부품 번호 - STA516BE13TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B13TR STMICROELECTRONICS-STA516B13TR Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B STMICROELECTRONICS-STA516B_10 Datasheet
212Kb / 17P
   65-volt, 7.5-amp, quad power half bridge
More results

유사한 설명 - STA516BE13TR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI-TAS5110A Datasheet
165Kb / 17P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI1-TAS5110A_16 Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com