전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBSG16MMNR2 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 NBSG16MMNR2
상세설명  2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16MMNR2 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button NBSG16MMNR2 Datasheet HTML 4Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 5Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 6Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 7Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 8Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 9Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 10Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 11Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NBSG16M
http://onsemi.com
10
Application Information
All inputs can accept PECL, CML, and LVDS signal
levels. The input voltage can range from VCC to 1.2 V.
Examples interfaces are illustrated below in a 50
W
environment (Z = 50
W).
50
W
VCC
D
D
50
W
SG16M
VCC
VTD
VEE
VCC
Q
50
W 50 W
SG16M
VEE
Figure 7. CML to CML Interface
Z
Q
Z
Figure 8. LVDS to CML Receiver Interface
50
W
Z
VCC
VCC
LVDS
Driver
D
D
50
W
SG16M
VEE
VTD
VEE
Figure 9. PECL to CML Receiver Interface
50
W
Z
Z
VCC
VCC
PECL
Driver
D
D
50
W
SG16M
VEE
VBias
VTD
VEE
RT
RT
VEE
VCC
RT
5.0 V 290
W
3.3 V 150
W
2.5 V
80
W
Recommended RT Values
50
W
50
W
VTD
VCC
VTD
VBias
VTD
Z


유사한 부품 번호 - NBSG16MMNR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBSG16MMNR2 ONSEMI-NBSG16MMNR2 Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
NBSG16MMNR2G ONSEMI-NBSG16MMNR2G Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
NBSG16MMNR2G ONSEMI-NBSG16MMNR2G Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
More results

유사한 설명 - NBSG16MMNR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
NB6L16 ONSEMI-NB6L16 Datasheet
117Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
September, 2004 ??Rev. 4
NB6L16 ONSEMI-NB6L16_07 Datasheet
188Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/ Driver/Translator Buffer
March, 2007 ??Rev. 6
NB4L16M ONSEMI-NB4L16M Datasheet
919Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1
NBSG16M ONSEMI-NBSG16M_06 Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
NB6L11 ONSEMI-NB6L11 Datasheet
114Kb / 12P
   2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR
April, 2004 ??Rev. 2
NB4N316M ONSEMI-NB4N316M_16 Datasheet
159Kb / 12P
   Receiver to CML Driver/Translator with Input Hysteresis
July, 2016 ??Rev. 6
NB4N11M ONSEMI-NB4N11M Datasheet
223Kb / 11P
   3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
November, 2005 ??Rev. 1
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
   1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com